| Electronic Components Datasheet Search |
|
XC2000 Datasheet(PDF) 228 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 Datasheet(HTML) 228 Page - Infineon Technologies AG |
|
228 / 647 page ![]() XC2000 Derivatives System Units (Vol. 1 of 2) Interrupt and Trap Functions Preliminary User’s Manual 5-10 V1.0, 2007-06 ICU_X2K, V2.2 5.3 Interrupt Vector Table The XC2000 provides a vectored interrupt system. This system reserves a set of specific memory locations, which are accessed automatically upon the respective trigger event. Entries for the following events are provided: • Reset (hardware, software, watchdog) • Traps (hardware-generated by fault conditions or via TRAP instruction) • Interrupt service requests Whenever a request is accepted, the CPU branches to the location associated with the respective trigger source. This vector position directly identifies the source causing the request, with two exceptions: • Class B hardware traps all share the same interrupt vector. The status flags in the Trap Flag Register (TFR) are used to determine which exception caused the trap. For details, see Section 5.11. • An interrupt node may be shared by several interrupt requests, e.g. within a module. Additional flags identify the requesting source, so the software can handle each request individually. For details, see Section 5.7. The reserved vector locations build a vector table located in the address space of the XC2000. The vector table usually contains the appropriate jump instructions that transfer control to the interrupt or trap service routines. These routines may be located anywhere within the address space. The location and organization of the vector table is programmable. The Vector Segment register VECSEG defines the segment of the Vector Table (can be located in all segments, except for reserved areas). Bitfield VECSC in register CPUCON1 defines the space between two adjacent vectors (can be 2, 4, 8, or 16 words). For a summary of register CPUCON1, please refer to Section 4.4. Each vector location has an offset address to the segment base address of the vector table (given by VECSEG). The offset can be easily calculated by multiplying the vector number with the vector space programmed in bitfield VECSC. Table 5-2 lists all sources capable of requesting interrupt or PEC service in the XC2000, the associated interrupt vector locations, the associated vector numbers, and the associated interrupt control registers. Note: All interrupt nodes which are currently not used by their associated modules or are not connected to a module in the actual derivative may be used to generate software controlled interrupt requests by setting the respective IR flag. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |