Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 232 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 232 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 228Page - Infineon Technologies AG XC2000 Datasheet HTML 229Page - Infineon Technologies AG XC2000 Datasheet HTML 230Page - Infineon Technologies AG XC2000 Datasheet HTML 231Page - Infineon Technologies AG XC2000 Datasheet HTML 232Page - Infineon Technologies AG XC2000 Datasheet HTML 233Page - Infineon Technologies AG XC2000 Datasheet HTML 234Page - Infineon Technologies AG XC2000 Datasheet HTML 235Page - Infineon Technologies AG XC2000 Datasheet HTML 236Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-14
V1.0, 2007-06
ICU_X2K, V2.2
CAN Request 1
CAN_1IC
xx’0104
H
41
H / 65D
CAN Request 2
CAN_2IC
xx’0108
H
42
H / 66D
CAN Request 3
CAN_3IC
xx’010C
H
43
H / 67D
CAN Request 4
CAN_4IC
xx’0110
H
44
H / 68D
CAN Request 5
CAN_5IC
xx’0114
H
45
H / 69D
CAN Request 6
CAN_6IC
xx’0118
H
46
H / 70D
CAN Request 7
CAN_7IC
xx’011C
H
47
H / 71D
CAN Request 8
CAN_8IC
xx’0120
H
48
H / 72D
CAN Request 9
CAN_9IC
xx’0124
H
49
H / 73D
CAN Request 10
CAN_10IC
xx’0128
H
4A
H / 74D
CAN Request 11
CAN_11IC
xx’012C
H
4B
H / 75D
CAN Request 12
CAN_12IC
xx’0130
H
4C
H / 76D
CAN Request 13
CAN_13IC
xx’0134
H
4D
H / 77D
CAN Request 14
CAN_14IC
xx’0138
H
4E
H / 78D
CAN Request 15
CAN_15IC
xx’013C
H
4F
H / 79D
USIC0 Request 0
U0C0_0IC
xx’0140
H
50
H / 80D
USIC0 Request 1
U0C0_1IC
xx’0144
H
51
H / 81D
USIC0 Request 2
U0C0_2IC
xx’0148
H
52
H / 82D
USIC0 Request 3
U0C1_0IC
xx’014C
H
53
H / 83D
USIC0 Request 4
U0C1_1IC
xx’0150
H
54
H / 84D
USIC0 Request 5
U0C1_2IC
xx’0154
H
55
H / 85D
USIC1 Request 0
U1C0_0IC
xx’0158
H
56
H / 86D
USIC1 Request 1
U1C0_1IC
xx’015C
H
57
H / 87D
USIC1 Request 2
U1C0_2IC
xx’0160
H
58
H / 88D
USIC1 Request 3
U1C1_0IC
xx’0164
H
59
H / 89D
USIC1 Request 4
U1C1_1IC
xx’0168
H
5A
H / 90D
USIC1 Request 5
U1C1_2IC
xx’016C
H
5B
H / 91D
USIC2 Request 0
U2C0_0IC
xx’0170
H
5C
H / 92D
USIC2 Request 1
U2C0_1IC
xx’0174
H
5D
H / 93D
USIC2 Request 2
U2C0_2IC
xx’0178
H
5E
H / 94D
Table 5-2
XC2000 Interrupt Nodes (cont’d)
Source of Interrupt or PEC
Service Request
Control
Register
Vector
Location
1)
Trap
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com