Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 236 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 236 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 232Page - Infineon Technologies AG XC2000 Datasheet HTML 233Page - Infineon Technologies AG XC2000 Datasheet HTML 234Page - Infineon Technologies AG XC2000 Datasheet HTML 235Page - Infineon Technologies AG XC2000 Datasheet HTML 236Page - Infineon Technologies AG XC2000 Datasheet HTML 237Page - Infineon Technologies AG XC2000 Datasheet HTML 238Page - Infineon Technologies AG XC2000 Datasheet HTML 239Page - Infineon Technologies AG XC2000 Datasheet HTML 240Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-18
V1.0, 2007-06
ICU_X2K, V2.2
Field
Bits
Type
Description
EN
15
rw
Fast Interrupt Enable
0
The interrupt jump table cache is not used
1
The interrupt jump table cache is enabled,
the vector table entry for the specified request
is bypassed, the cache pointer is used
GPX
12
rw
Group Priority Extension
Used together with bitfield GLVL
ILVL
[11:10] rw
Interrupt Priority Level
This selects the interrupt priority (15 … 12) of the
request this pointer shall be assigned to
00
Interrupt priority level 12 (1100B)
01
Interrupt priority level 13 (1101B)
10
Interrupt priority level 14 (1110B)
11
Interrupt priority level 15 (1111B)
GLVL
[9:8]
rw
Group Priority Level
Together with bit GPX this selects the group priority
of the request this pointer shall be assigned to
SEG
[7:0]
rw
Segment Number of Interrupt Service Routine
Specifies address bits 23 … 16 of the 24-bit pointer
to the interrupt service routine, is concatenated with
FINTxADDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com