Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 239 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 239 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 235Page - Infineon Technologies AG XC2000 Datasheet HTML 236Page - Infineon Technologies AG XC2000 Datasheet HTML 237Page - Infineon Technologies AG XC2000 Datasheet HTML 238Page - Infineon Technologies AG XC2000 Datasheet HTML 239Page - Infineon Technologies AG XC2000 Datasheet HTML 240Page - Infineon Technologies AG XC2000 Datasheet HTML 241Page - Infineon Technologies AG XC2000 Datasheet HTML 242Page - Infineon Technologies AG XC2000 Datasheet HTML 243Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-21
V1.0, 2007-06
ICU_X2K, V2.2
The PEC channel number is derived from the respective ILVL (LSB) and GLVL, where
the priority band (ILVL) is selected by the channel’s bitfield PLEV (see Table 5-5). So,
programming a source to priority level 15 (ILVL = 1111
B) selects the PEC channel group
7 … 4 with PLEV = 00
B; programming a source to priority level 14 (ILVL = 1110B) selects
the PEC channel group 3 … 0 with PLEV = 00
B; programming a source to priority level
10 (ILVL = 1010
B) selects the PEC channel group 3 … 0 with PLEV = 10B. The actual
PEC channel number is then determined by the group priority (levels 3 … 0, i.e.
GPX = 0).
Simultaneous requests for PEC channels are prioritized according to the PEC channel
number, where channel 0 has lowest and channel 7 has highest priority.
Note: All sources requesting PEC service must be programmed to different PEC
channels. Otherwise, an incorrect PEC channel may be activated.
Table 5-6 shows in a few examples which action is executed with a given programming
of an interrupt control register and a PEC channel.
Table 5-5
PEC Channel Assignment
Selected
PEC Channel
Group
Level
Used Interrupt Priorities Depending on Bitfield PLEV
PLEV = 00
B
PLEV = 01
B
PLEV = 10
B
PLEV = 11
B
7
3
1513119
6
2
5
1
4
0
3
3
1412108
2
2
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com