Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 238 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 238 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 234Page - Infineon Technologies AG XC2000 Datasheet HTML 235Page - Infineon Technologies AG XC2000 Datasheet HTML 236Page - Infineon Technologies AG XC2000 Datasheet HTML 237Page - Infineon Technologies AG XC2000 Datasheet HTML 238Page - Infineon Technologies AG XC2000 Datasheet HTML 239Page - Infineon Technologies AG XC2000 Datasheet HTML 240Page - Infineon Technologies AG XC2000 Datasheet HTML 241Page - Infineon Technologies AG XC2000 Datasheet HTML 242Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-20
V1.0, 2007-06
ICU_X2K, V2.2
PECCx
PEC Control Reg.
SFR (FECy
H/6zH, Table 5-4)
Reset Value: 0000
H
15
14
13
12
11
10
98
76
543
210
-
EOP
INT
PLEV
CL
INC
BWT
COUNT
-
rwrwrw
rw
rw
rwh
Field
Bits
Type
Description
EOPINT
14
rw
End of PEC Interrupt Selection
0
End of PEC interrupt on the same (PEC) level
1
End of PEC interrupt via separate node EOPIC
PLEV
[13:12] rw
PEC Level Selection
This bitfield controls the PEC channel assignment to
an arbitration priority level (see section below)
CL
11
rw
Channel Link Control
0
PEC channels work independently
1
Pairs of PEC channels are linked together
1)
1) For a functional description see “Channel Link Mode for Data Chaining”.
INC
[10:9]
rw
Increment Control (Pointer Modification)
2)
00
Pointers are not modified
01
Increment DSTPx by 1 or 2 (BWT = 1 or 0)
10
Increment SRCPx by 1 or 2 (BWT = 1 or 0)
11
Increment both DSTPx and SRCPx by 1 or 2
2) Pointers are incremented/decremented only within the current segment.
BWT
8rw
Byte/Word Transfer Selection
0
Transfer a word
1
Transfer a byte
COUNT
[7:0]
rwh
PEC Transfer Count
Counts PEC transfers and influences the channel’s
action (see Section 5.4.3)
Table 5-4
PEC Control Register Addresses
Register
Address
Reg. Space
Register
Address
Reg. Space
PECC0
FEC0
H / 60H
SFR
PECC4
FEC8
H / 64H
SFR
PECC1
FEC2
H / 61H
SFR
PECC5
FECA
H / 65H
SFR
PECC2
FEC4
H / 62H
SFR
PECC6
FECC
H / 66H
SFR
PECC3
FEC6
H / 63H
SFR
PECC7
FECE
H / 67H
SFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com