Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 235 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 235 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 231Page - Infineon Technologies AG XC2000 Datasheet HTML 232Page - Infineon Technologies AG XC2000 Datasheet HTML 233Page - Infineon Technologies AG XC2000 Datasheet HTML 234Page - Infineon Technologies AG XC2000 Datasheet HTML 235Page - Infineon Technologies AG XC2000 Datasheet HTML 236Page - Infineon Technologies AG XC2000 Datasheet HTML 237Page - Infineon Technologies AG XC2000 Datasheet HTML 238Page - Infineon Technologies AG XC2000 Datasheet HTML 239Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-17
V1.0, 2007-06
ICU_X2K, V2.2
Interrupt Jump Table Cache
Servicing an interrupt request via the vector table usually incurs two subsequent
branches: an implicit branch to the vector location and an explicit branch to the actual
service routine. The interrupt servicing time can be reduced by the Interrupt Jump Table
Cache (ITC, also called “fast interrupt”). This feature eliminates the second explicit
branch by directly providing the CPU with the service routine’s location.
The ITC provides two 24-bit pointers, so the CPU can directly branch to the respective
service routines. These fast interrupts can be selected for two interrupt sources on
priority levels 15 … 12.
The two pointers are each stored in a pair of interrupt jump table cache registers
(FINTxADDR, FINTxCSP), which store a pointer’s segment and offset along with the
priority level it shall be assigned to (select the same priority that is programmed for the
respective interrupt node).
FINT0ADDR
Fast Interrupt Address Reg. 0
XSFR (EC02
H/--)
Reset Value: 0000
H
FINT1ADDR
Fast Interrupt Address Reg. 1
XSFR (EC06
H/--)
Reset Value: 0000
H
15
14
13
12
11
10
9
8765
432
10
ADDR
0
rw
r
Field
Bits
Type
Description
ADDR
[15:1]
rw
Address of Interrupt Service Routine
Specifies address bits 15 … 1 of the 24-bit pointer to
the interrupt service routine. This word offset is
concatenated with FINTxCSP.SEG.
FINT0CSP
Fast Interrupt Control Reg. 0
XSFR (EC00
H/--)
Reset Value: 0000
H
FINT1CSP
Fast Interrupt Control Reg. 1
XSFR (EC04
H/--)
Reset Value: 0000
H
15
14
13
12
11
10
9
8765
432
10
EN
-
-
GPX
ILVL
GLVL
SEG
rw
-
-
rw
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com