Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 233 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 233 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 229Page - Infineon Technologies AG XC2000 Datasheet HTML 230Page - Infineon Technologies AG XC2000 Datasheet HTML 231Page - Infineon Technologies AG XC2000 Datasheet HTML 232Page - Infineon Technologies AG XC2000 Datasheet HTML 233Page - Infineon Technologies AG XC2000 Datasheet HTML 234Page - Infineon Technologies AG XC2000 Datasheet HTML 235Page - Infineon Technologies AG XC2000 Datasheet HTML 236Page - Infineon Technologies AG XC2000 Datasheet HTML 237Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-15
V1.0, 2007-06
ICU_X2K, V2.2
USIC2 Request 3
U2C1_0IC
xx’017C
H
5F
H / 95D
USIC2 Request 4
U2C1_1IC
xx’0180
H
60
H / 96D
USIC2 Request 5
U2C1_2IC
xx’0184
H
61
H / 97D
Unassigned node
–
xx’0188
H
62
H / 98D
Unassigned node
–
xx’018C
H
63
H / 99D
Unassigned node
–
xx’0190
H
64
H / 100D
Unassigned node
–
xx’0194
H
65
H / 101D
Unassigned node
–
xx’0198
H
66
H / 102D
Unassigned node
–
xx’019C
H
67
H / 103D
Unassigned node
–
xx’01A0
H
68
H / 104D
Unassigned node
–
xx’01A4
H
69
H / 105D
Unassigned node
–
xx’01A8
H
6A
H / 106D
SCU Request 1
SCU_1IC
xx’01AC
H
6B
H / 107D
SCU Request 0
SCU_0IC
xx’01B0
H
6C
H / 108D
Program Flash Modules
PFM_IC
xx’01B4
H
6D
H / 109D
RTC
RTC_IC
xx’01B8
H
6E
H / 110D
End of PEC Subchannel
EOPIC
xx’01BC
H
6F
H / 111D
1) Register VECSEG defines the segment where the vector table is located to.
Bitfield VECSC in register CPUCON1 defines the distance between two adjacent vectors. This table
represents the default setting, with a distance of 4 (two words) between two vectors.
Table 5-2
XC2000 Interrupt Nodes (cont’d)
Source of Interrupt or PEC
Service Request
Control
Register
Vector
Location
1)
Trap
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com