Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 231 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 231 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 227Page - Infineon Technologies AG XC2000 Datasheet HTML 228Page - Infineon Technologies AG XC2000 Datasheet HTML 229Page - Infineon Technologies AG XC2000 Datasheet HTML 230Page - Infineon Technologies AG XC2000 Datasheet HTML 231Page - Infineon Technologies AG XC2000 Datasheet HTML 232Page - Infineon Technologies AG XC2000 Datasheet HTML 233Page - Infineon Technologies AG XC2000 Datasheet HTML 234Page - Infineon Technologies AG XC2000 Datasheet HTML 235Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-13
V1.0, 2007-06
ICU_X2K, V2.2
GPT2 Timer 5
GPT12E_T5IC
xx’008C
H
23
H / 35D
GPT2 Timer 6
GPT12E_T6IC
xx’0090
H
24
H / 36D
GPT2 CAPREL Register
GPT12E_CRIC
xx’0094
H
25
H / 37D
CAPCOM Timer 7
CC2_T7IC
xx’0098
H
26
H / 38D
CAPCOM Timer 8
CC2_T8IC
xx’009C
H
27
H / 39D
A/D Converter Request 0
ADC_0IC
xx’00A0
H
28
H / 40D
A/D Converter Request 1
ADC_1IC
xx’00A4
H
29
H / 41D
A/D Converter Request 2
ADC_2IC
xx’00A8
H
2A
H / 42D
A/D Converter Request 3
ADC_3IC
xx’00AC
H
2B
H / 43D
A/D Converter Request 4
ADC_4IC
xx’00B0
H
2C
H / 44D
A/D Converter Request 5
ADC_5IC
xx’00B4
H
2D
H / 45D
A/D Converter Request 6
ADC_6IC
xx’00B8
H
2E
H / 46D
A/D Converter Request 7
ADC_7IC
xx’00BC
H
2F
H / 47D
CCU60 Request 0
CCU60_0IC
xx’00C0
H
30
H / 48D
CCU60 Request 1
CCU60_1IC
xx’00C4
H
31
H / 49D
CCU60 Request 2
CCU60_2IC
xx’00C8
H
32
H / 50D
CCU60 Request 3
CCU60_3IC
xx’00CC
H
33
H / 51D
CCU61 Request 0
CCU61_0IC
xx’00D0
H
34
H / 52D
CCU61 Request 1
CCU61_1IC
xx’00D4
H
35
H / 53D
CCU61 Request 2
CCU61_2IC
xx’00D8
H
36
H / 54D
CCU61 Request 3
CCU61_3IC
xx’00DC
H
37
H / 55D
CCU62 Request 0
CCU62_0IC
xx’00E0
H
38
H / 56D
CCU62 Request 1
CCU62_1IC
xx’00E4
H
39
H / 57D
CCU62 Request 2
CCU62_2IC
xx’00E8
H
3A
H / 58D
CCU62 Request 3
CCU62_3IC
xx’00EC
H
3B
H / 59D
CCU63 Request 0
CCU63_0IC
xx’00F0
H
3C
H / 60D
CCU63 Request 1
CCU63_1IC
xx’00F4
H
3D
H / 61D
CCU63 Request 2
CCU63_2IC
xx’00F8
H
3E
H / 62D
CCU63 Request 3
CCU63_3IC
xx’00FC
H
3F
H / 63D
CAN Request 0
CAN_0IC
xx’0100
H
40
H / 64D
Table 5-2
XC2000 Interrupt Nodes (cont’d)
Source of Interrupt or PEC
Service Request
Control
Register
Vector
Location
1)
Trap
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com