Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 229 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 229 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 225Page - Infineon Technologies AG XC2000 Datasheet HTML 226Page - Infineon Technologies AG XC2000 Datasheet HTML 227Page - Infineon Technologies AG XC2000 Datasheet HTML 228Page - Infineon Technologies AG XC2000 Datasheet HTML 229Page - Infineon Technologies AG XC2000 Datasheet HTML 230Page - Infineon Technologies AG XC2000 Datasheet HTML 231Page - Infineon Technologies AG XC2000 Datasheet HTML 232Page - Infineon Technologies AG XC2000 Datasheet HTML 233Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-11
V1.0, 2007-06
ICU_X2K, V2.2
The reset value of register VECSEG, that means the initial location of the vector table,
depends on the reset configuration. Table 5-1 lists the possible locations. This is
required because the vector table also provides the reset vector.
VECSEG
Vector Segment Pointer
SFR (FF12
H/89H)
Reset Value: Table 5-1
15
14
13
12
11
10
9
8765
432
10
---
----
-
vecseg
-
-
-
-
-
-
-
-
rwh
Field
Bits
Type
Description
vecseg
[7:0]
rwh
Segment number of the Vector Table
Table 5-1
Reset Values for Register VECSEG
Initial Value
Reset Configuration
0000
H
Standard start from external memory
00C0
H
Standard start from Internal Program Memory
00E0
H
Execute bootstrap loader code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com