Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 243 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 243 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 239Page - Infineon Technologies AG XC2000 Datasheet HTML 240Page - Infineon Technologies AG XC2000 Datasheet HTML 241Page - Infineon Technologies AG XC2000 Datasheet HTML 242Page - Infineon Technologies AG XC2000 Datasheet HTML 243Page - Infineon Technologies AG XC2000 Datasheet HTML 244Page - Infineon Technologies AG XC2000 Datasheet HTML 245Page - Infineon Technologies AG XC2000 Datasheet HTML 246Page - Infineon Technologies AG XC2000 Datasheet HTML 247Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-25
V1.0, 2007-06
ICU_X2K, V2.2
Note: If word data transfer is selected for a specific PEC channel (BWT = 0), the
respective source and destination pointers must both contain a valid word address
which points to an even byte boundary. Otherwise, the Illegal Word Access trap
will be invoked when this channel is used.
5.4.3
PEC Transfer Control
The PEC Transfer Count Field COUNT controls the behavior of the respective PEC
channel. The contents of bitfield COUNT select the action to be taken at the time the
request is activated. COUNT may allow a specified number of PEC transfers, unlimited
transfers, or no PEC service at all. Table 5-8 summarizes, how the COUNT field, the
interrupt requests flag IR, and the PEC channel action depend on the previous contents
of COUNT.
Table 5-7
PEC Data Pointer Register Addresses
Channel #
0
1
234
567
PECSEGx
EC80
H
EC82
H
EC84
H
EC86
H
EC88
H
EC8A
H
EC8C
H
EC8E
H
SRCPx
EC40
H
EC44
H
EC48
H
EC4C
H
EC50
H
EC54
H
EC58
H
EC5C
H
DSTPx
EC42
H
EC46
H
EC4A
H
EC4E
H
EC52
H
EC56
H
EC5A
H
EC5E
H
Table 5-8
Influence of Bitfield COUNT
Previous
COUNT
Modified
COUNT
IR after
Service
Action of PEC Channel and Comments
FF
H
FF
H
0
Move a Byte/Word
Continuous transfer mode, i.e. COUNT is not
modified
FE
H … 02H
FD
H … 01H
0
Move a Byte/Word and decrement COUNT
01
H
00
H
1
EOPINT = 0 (channel-specific interrupt)
Move a Byte/Word and leave request flag set,
which triggers another request
0
EOPINT = 1 (separate end-of-PEC interrupt)
Move a Byte/Word and clear request flag, set
the respective PEC subnode request flag CxIR
instead
1)
1) Setting a subnode request flag also sets flag EOPIR if the subnode request is enabled (CxIE = 1).
00
H
00
H
–
No PEC action!
Activate interrupt service routine rather than
PEC channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com