Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 245 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 245 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 241Page - Infineon Technologies AG XC2000 Datasheet HTML 242Page - Infineon Technologies AG XC2000 Datasheet HTML 243Page - Infineon Technologies AG XC2000 Datasheet HTML 244Page - Infineon Technologies AG XC2000 Datasheet HTML 245Page - Infineon Technologies AG XC2000 Datasheet HTML 246Page - Infineon Technologies AG XC2000 Datasheet HTML 247Page - Infineon Technologies AG XC2000 Datasheet HTML 248Page - Infineon Technologies AG XC2000 Datasheet HTML 249Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-27
V1.0, 2007-06
ICU_X2K, V2.2
5.4.4
Channel Link Mode for Data Chaining
In channel link mode, every two PEC channels build a pair (channels 0+1, 2+3, 4+5,
6+7), where the two channels of a pair are activated in turn. Requests for the even
channel trigger the currently active PEC channel (or the end-of-block interrupt), while
requests for the odd channel only trigger its associated interrupt node. When the transfer
count of one channel expires, control is switched to the other channel, and back. This
mode supports data chaining where independent blocks of data can be transferred to the
same destination (or vice versa), e.g. to build communication frames from several
blocks, such as preamble, data, etc.
Channel link mode for a pair of channels is enabled if at least one of the channel link
control bits (bit CL in register PECCx) of the respective pair is set. A linked channel pair
is controlled by the priority-settings (level, group) for its even channel. After enabling
channel link mode the even channel is active.
Channel linking is executed if the active channel’s link control bit CL is 1 at the time its
transfer count decrements from 1 to 0 (count > 0 before) and the transfer count of the
other channel is non-zero. In this case the active channel issues an EOP interrupt
request and the respective other channel of the pair is automatically selected.
Note: Channel linking always begins with the even channel.
Channel linking is terminated if the active channel’s link control bit CL is 0 at the time
its transfer count decrements from 1 to 0, or if the transfer count of the respective linked
channel is zero. In this case an interrupt is triggered as selected by bit EOPINT (channel-
specific or general EOP interrupt).
A data-chaining sequence using PEC channel linking is programmed by setting bit CL
together with a transfer count value (> 0). This is repeated, triggered by the channel link
interrupts, for the complete sequence. For the last transfer, the interrupt routine should
clear the respective bit CL, so, at the end of the complete transfer, either a standard or
an END of PEC interrupt can be selected by bit EOPINT of the last channel.
Note: To enable linking, initially both channels must receive a non-zero transfer count.
For the rest of the sequence only the channel with the expired transfer count
needs to be reconfigured.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com