Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 246 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 246 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 242Page - Infineon Technologies AG XC2000 Datasheet HTML 243Page - Infineon Technologies AG XC2000 Datasheet HTML 244Page - Infineon Technologies AG XC2000 Datasheet HTML 245Page - Infineon Technologies AG XC2000 Datasheet HTML 246Page - Infineon Technologies AG XC2000 Datasheet HTML 247Page - Infineon Technologies AG XC2000 Datasheet HTML 248Page - Infineon Technologies AG XC2000 Datasheet HTML 249Page - Infineon Technologies AG XC2000 Datasheet HTML 250Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-28
V1.0, 2007-06
ICU_X2K, V2.2
5.4.5
PEC Interrupt Control
When the selected number of PEC transfers has been executed, the respective PEC
channel is disabled and a standard interrupt service routine is activated instead. Each
PEC channel can either activate the associated channel-specific interrupt node, or
activate its associated PEC subnode request flag in register PECISNC, which then
activates the common node request flag in register EOPIC (see Figure 5-4).
Note: Please refer to the general Interrupt Control Register description for an
explanation of the control fields.
PECISNC
PEC Intr. Sub-Node Ctrl. Reg.
SFR (FFD8
H/ECH)
Reset Value: 0000
H
15
14
13
12
11
10
9
8765
432
10
C7IR C7IE C6IR C6IE C5IR C5IE C4IR C4IE C3IR C3IE C2IR C2IE C1IR C1IE C0IR C0IE
rwh
rw
rwh
rw
rwh
rw
rwh
rw
rwh
rw
rwh
rw
rwh
rw
rwh
rw
Field
Bits
Type
Description
CxIR
x = 7 … 0
[2x+1]
rwh
Interrupt Request Flag of PEC Channel x
0
No request from PEC channel x pending
1
PEC channel x has raised an end-of-PEC
interrupt request
Note: These request flags must be cleared by SW.
CxIE
x = 7 … 0
[2x]
rw
Interrupt Enable Control Bit of PEC Channel x
(individually enables/disables a specific source)
0
End-of-PEC request of channel x disabled
1
End-of-PEC request of channel x enabled
1)
1) It is recommended to clear an interrupt request flag (CxIR) before setting the respective enable flag (CxIE).
Otherwise, former requests still pending cannot trigger a new interrupt request.
EOPIC
End-of-PEC Intr. Ctrl. Reg.
ESFR (F19E
H/CFH)
Reset Value: 0000
H
15
14
13
12
11
10
9
8765
432
10
---
----
GPX
EOP
IR
EOP
IE
ILVL
GLVL
---
----
rw
rwh
rw
rw
rw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com