Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 244 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 244 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 240Page - Infineon Technologies AG XC2000 Datasheet HTML 241Page - Infineon Technologies AG XC2000 Datasheet HTML 242Page - Infineon Technologies AG XC2000 Datasheet HTML 243Page - Infineon Technologies AG XC2000 Datasheet HTML 244Page - Infineon Technologies AG XC2000 Datasheet HTML 245Page - Infineon Technologies AG XC2000 Datasheet HTML 246Page - Infineon Technologies AG XC2000 Datasheet HTML 247Page - Infineon Technologies AG XC2000 Datasheet HTML 248Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Interrupt and Trap Functions
Preliminary
User’s Manual
5-26
V1.0, 2007-06
ICU_X2K, V2.2
The PEC transfer counter allows service of a specified number of requests by the
respective PEC channel, and then (when COUNT reaches 00
H) activation of an interrupt
service routine, either associated with the PEC channel’s priority level or with the general
end-of-PEC interrupt. After each PEC transfer, the COUNT field is decremented (except
for COUNT = FF
H) and the request flag is cleared to indicate that the request has been
serviced.
When COUNT contains the value 00
H, the respective PEC channel remains idle and the
associated interrupt service routine is activated instead. This allows servicing requests
on all priority levels by standard interrupt service routines.
Continuous transfers are selected by the value FF
H in bitfield COUNT. In this case,
COUNT is not modified and the respective PEC channel services any request until it is
disabled again.
When COUNT is decremented from 01
H to 00H after a transfer, a standard interrupt is
requested which can then handle the end of the PEC block transfer (channel-specific
interrupt or common end-of-PEC interrupt, see Table 5-8).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com