Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 34Page - Renesas Technology Corp 7630 Datasheet HTML 35Page - Renesas Technology Corp 7630 Datasheet HTML 36Page - Renesas Technology Corp 7630 Datasheet HTML 37Page - Renesas Technology Corp 7630 Datasheet HTML 38Page - Renesas Technology Corp 7630 Datasheet HTML 39Page - Renesas Technology Corp 7630 Datasheet HTML 40Page - Renesas Technology Corp 7630 Datasheet HTML 41Page - Renesas Technology Corp 7630 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 238 page
background image
1-22
7630 Group User’s Manual
+$5':$5(
TIMERS
The 7630 group has five timers: two 16-bit timers and three 8-bit tim-
ers . All these timers will be described in detail below.
16-bit Timers
Timers X and Y are 16-bit timers with multiple operating modes.
Please refer to Fig. 19.
Fig. 19 Block diagram of timers X and Y (
φ is internal system clock)
Timer X
Timer X is a 16-bit timer with a 16-bit reload latch supporting the fol-
lowing operating modes:
(1) Timer mode
(2) Bi-phase counter mode
(3) Event counter mode
(4) Pulse width measurement mode
These modes can be selected by the timer X mode register (TXM). In
the timer- and pulse width measurement mode, the timer’s count
source can be selected by the timer X count source selection bits of
the timer Y mode register (TYM). Please refer to the Figures below
for the TXM and TYM bit assignment.
On read or write access to timer X, note that the high-order and low-
order bytes must be accessed in the specific order.
Write method
When writing to the timer X, write the low-order byte first. The data
written is stored in a temporary register which is assigned to the
same address as TXL. Next, write the high-order byte. When this is
finished, the data is placed in the timer X high-order reload latch and
the low-order byte is transferred from its temporary register to the
timer X low-order reload latch. Depending on the timer X write control
bit, the latch contents are reloaded to the timer immediately (write
control bit = “0”) or on the next timer underflow (write control bit = “1”).
Read method
When reading the timer X, read the high-order byte first. This causes
the timer X high- and low-order bytes to be transferred to temporary
registers being assigned to the same addresses as TXH and TXL.
Next, read the low-order byte which is read from the temporary regis-
ter. This method assures the correct timer value can be read during
the timer count operation.
Timer X count stop control
Regardless of the actual operating mode, timer X can be stopped by
setting the timer X count stop bit (bit 7 of the timer X mode register) to
“1”.
TYM5, 4=“11”
TYM7
1/16
1/64
1/128
TYM1,0
φ
P13/TX0
P14/CNTR0
Edge detector
Edge detector
Sign generator
TXL counter (8)
TXH latch (8)
TXH counter (8)
TXM7
TXL latch (8)
Count
direction
control
TXM5, 4
Down
“00”, “10”,
“11”
“01”
“00”, “11”
“01”
“10”
TXM6
TXM5, 4=“11”
TX interrupt request
CNTR0 interrupt request
1/8
1/32
1/64
P15/CNTR1
TYM6
TYM5, 4
“10”
“0x”, “11”
TYL counter (8)
TYH latch (8)
TYH counter (8)
TYL latch (8)
TY interrupt request
CNTR1 interrupt request
Rising edge detector
Falling edge detector
TYM5, 4=“01”
TYM5, 4
“11”
“0x”, “10”
“1”
“0”
TYM3, 2
1/4
1/2
TXM5,4
“00”
“01”
“10”
“11”
“00”
“01”
“10”
“11”
“0”
“1”
TIMERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com