Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 22Page - Renesas Technology Corp 7630 Datasheet HTML 23Page - Renesas Technology Corp 7630 Datasheet HTML 24Page - Renesas Technology Corp 7630 Datasheet HTML 25Page - Renesas Technology Corp 7630 Datasheet HTML 26Page - Renesas Technology Corp 7630 Datasheet HTML 27Page - Renesas Technology Corp 7630 Datasheet HTML 28Page - Renesas Technology Corp 7630 Datasheet HTML 29Page - Renesas Technology Corp 7630 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 238 page
background image
1-10
7630 Group User’s Manual
+$5':$5(
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The core of 7630 group microcomputers is the 7600 series CPU. This
core is based on the standard instruction set of 740 series; however
the performance is improved by allowing to execute the same instruc-
tions as that of the 740 series in less cycles. Refer to the 7600 Series
Software Manual for details of the instruction set.
CPU Mode Register CPUM
The CPU mode register contains the stack page selection bit and
internal system clock selection bit. The CPU mode register is allo-
cated to address 000016.
Fig. 7 Structure of CPU mode register
CPU mode register (address 000016)
CPUM
Processor mode bits (set these bits to “00”)
b1 b0
0 0 : Single–chip mode
0 1 : Not used
1 0 : Not used
1 1 : Not used
Stack page selection bit
0 : 0 page
1 : 1 page
Not used (“0” when read, do not write “1”)
Internal system clock selection bit
0 :
φ=f(X
IN) divided by 2 (high–speed mode)
1 :
φ=f(X
IN) divided by 8 (middle–speed mode)
Not used (“0” when read, do not write “1”)
70
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com