Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 20Page - Renesas Technology Corp 7630 Datasheet HTML 21Page - Renesas Technology Corp 7630 Datasheet HTML 22Page - Renesas Technology Corp 7630 Datasheet HTML 23Page - Renesas Technology Corp 7630 Datasheet HTML 24Page - Renesas Technology Corp 7630 Datasheet HTML 25Page - Renesas Technology Corp 7630 Datasheet HTML 26Page - Renesas Technology Corp 7630 Datasheet HTML 27Page - Renesas Technology Corp 7630 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 238 page
background image
1-8
7630 Groop User’s Manual
HARDWARE
FUNCTIONAL DESCRIPTION
Fig. 6 Register push and pop at interrupt generation and subroutine call
Execute JSR
On-going Routine
M (S)(PCH)
(S)
(S – 1)
M (S)(PCL)
Execute RTS
(PCL)M (S)
(S)
(S – 1)
(S)
(S + 1)
(S)
(S + 1)
(PCH)M (S)
Subroutine
Restore Return
Address
Store Return Address
on Stack (Note 2)
M (S)(PS)
Execute RTI
(PS)M (S)
(S)
(S – 1)
(S)
(S + 1)
Interrupt
Service Routine
Restore Contents of
Processor Status Register
M (S)(PCH)
(S)
(S – 1)
M (S)(PCL)
(S)
(S – 1)
(PCL)M (S)
(S)
(S + 1)
(S)
(S + 1)
(PCH)M (S)
Restore Return
Address
I Flag “0” to “1”
Fetch the Jump Vector
Store Return Address
on Stack (Note 2)
Store Contents of Processor
Status Register on Stack
Interrupt request
(Note 1)
Note 1 : The condition to enable the interrupt
Interrupt enable bit is “1”
Interrupt disable flag is “0”
2 : When an interrupt occurs, the address of the next instruction to be executed is stored in
the stack area. When a subroutine is called, the address one before the next instruction
to be executed is stored in the stack area.
Table 3 Push and pop instructions of accumulator or processor status register
Push instruction to stack
Pop instruction from stack
Accumulator
PHA
PLA
Processor status register
PHP
PLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com