Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 78Page - Renesas Technology Corp 7630 Datasheet HTML 79Page - Renesas Technology Corp 7630 Datasheet HTML 80Page - Renesas Technology Corp 7630 Datasheet HTML 81Page - Renesas Technology Corp 7630 Datasheet HTML 82Page - Renesas Technology Corp 7630 Datasheet HTML 83Page - Renesas Technology Corp 7630 Datasheet HTML 84Page - Renesas Technology Corp 7630 Datasheet HTML 85Page - Renesas Technology Corp 7630 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 238 page
background image
APPLICATION
2.2 Interrupts
2-16
7630 Group User’s Manual
2.2.4 Key-on wake-up interrupt
Figure 2.2.12 and Figure 2.2.13 show setting method for registers related to the key-on wake-up interrupt.
b7
b0
Port P4 direction register (P4D) [Address: 001116]
Port P40 direction register
Port P41 direction register
Port P42 direction register
Port P43 direction register
Port P44 direction register
Port P45 direction register
Port P46 direction register
Port P47 direction register
b7
b0
Interrupt control register C (ICONC) [Address: 000716]
Key-on wake-up interrupt enable bit
Step 1: Disable the key-on wake-up interrupt or all interrupts to prevent unnecessary interrupts occurring during setting.
In the former, set the Interrupt disable flag (I) to “1”.
In the latter, clear the Key-on wake-up interrupt enable bit to “0”.
Step 2: Set the ports of P4 used as key-on wake-up input pin to input mode.
Step 3: Pull-up/down the ports of P4 used as key-on wake-up input pin.
0 : Input mode
1 : Output mode
b7
b0
Port P4 pull-up/down control register (PUP4) [Address: 002C16]
Port P40 pull-up/down transistor control bit
Port P41 pull-up/down transistor control bit
Port P42 pull-up/down transistor control bit
Port P43 pull-up/down transistor control bit
Port P44 pull-up/down transistor control bit
Port P45 pull-up/down transistor control bit
Port P46 pull-up/down transistor control bit
Port P47 pull-up/down transistor control bit
0 : No pull-up/down
1 : Pull-up/down
Step 4: Set the key-on wake-up polarity.
b7
b0
Polarity control register (PCON) [Address: 002F16]
0
Key on wake-up polarity control bit
0 : Low level active (P4 pull-up)
1 : High level active (P4 pull-down)
0
Fig. 2.2.12 Setting method for registers related to key-on wake-up interrupt (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com