Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 69Page - Renesas Technology Corp 7630 Datasheet HTML 70Page - Renesas Technology Corp 7630 Datasheet HTML 71Page - Renesas Technology Corp 7630 Datasheet HTML 72Page - Renesas Technology Corp 7630 Datasheet HTML 73Page - Renesas Technology Corp 7630 Datasheet HTML 74Page - Renesas Technology Corp 7630 Datasheet HTML 75Page - Renesas Technology Corp 7630 Datasheet HTML 76Page - Renesas Technology Corp 7630 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 238 page
background image
APPLICATION
2.1 I/O ports
2-7
7630 Group User’s Manual
2.1.3 Overvoltage conditions at digital input ports
This section describes how to use digital input ports of the 7630 group at overvoltages. The terms over
voltage refer to voltage levels beyond VCC+0.3V. When subjected to such input voltage levels, the built-
in protection circuit of the input port attempts to limit the input voltage in order to avoid permanent damage
to the device. This condition causes input current to the port. The built-in protection circuit tolerates input
currents up to specified limits (refer to “3.1 Electrical characteristics”). The input current levels must be
limited by appropriate design of the application circuit connected to the coresponding port. Figure 2.1.9
shows an example circuit.
Fig. 2.1.9 External circuit example applying overvoltage to digital inputs
Assume VIN the voltage to be connected to the MCU. The resistor R limits the input current to satisfy the
“recommended operatiing conditions”. For an estimation of the resistor, the port voltage VP should be
assumed to be VCC at overvoltage (VIN > VCC+0.3V). To determine the appropriate resistor size refer to
the below:
R
≥
VIN(max.) – VCC
(VIN > VCC+0.3V)
IIO
Notes: • Subjecting ports to overvoltage may effect the supply voltage and ground levels of the application
and the device. Ensure appropriate design (low impedance) of the power and ground supply to
keep VCC and VSS within the specified limits. In particular, avoid subjecting ports to overvoltage
causing VCC-VSS to rise above 5.5 V.
• Port P0 must not be subjected to overvoltage conditions.
• Overvoltages causing input current flowing through the internal port protection circuits have a
negative effect on the ports noise immunity. Therefore, careful and intense testing of the target
system’s noise immunity is required.
• Because of the above noise immunity issue, it is not recommended to subjects ports with interrupt
functions (such as ports for external interrupt) to overvoltage conditions.
• Refer to the “3.4 Countmeasures against noise”.
Internal
circuits
MCU
VCC
VIN
R
VP
Protection
circuit
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com