Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 2Page - Renesas Technology Corp 7630 Datasheet HTML 3Page - Renesas Technology Corp 7630 Datasheet HTML 4Page - Renesas Technology Corp 7630 Datasheet HTML 5Page - Renesas Technology Corp 7630 Datasheet HTML 6Page - Renesas Technology Corp 7630 Datasheet HTML 7Page - Renesas Technology Corp 7630 Datasheet HTML 8Page - Renesas Technology Corp 7630 Datasheet HTML 9Page - Renesas Technology Corp 7630 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 238 page
background image
BEFORE USING THIS USER’S MANUAL
This user’s manual consists of the following three chapters. Refer to the chapter appropriate to your conditions,
such as hardware design or software development. Chapter 3 also includes necessary information for
systems denelopment. Be sure to refer to this chapter.
1. Organization
q CHAPTER 1 HARDWARE
This chapter describes features of the microcomputer and operation of each peripheral function.
q CHAPTER 2 APPLICATION
This chapter describes usage and application examples of peripheral functions, based mainly on
setting examples of related registers.
q CHAPTER 3 APPENDIX
This chapter includes necessary information for systems development using the microcomputer, electric
characteristics, a list of registers, the masking confirmation (mask ROM version), and mark specifications
which are to be submitted when ordering.
2. Structure of register
The figure of each register structure describes its functions, contents at reset, and attributes as follows :
CPU mode register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
Name
0
0
Processor mode bits
b1 b0
0 0 : Single chip mode
0 1 : Not available
1 0 : Not available
1 1 : Not available
0
1
2
1
Stack page selection bit
0 : In page 0
1 : In page 1
3
4
5
0
0
0
Not used (“0” when read, don't write “1”.)
6
1
Internal clock selection bit
0 : f(XIN)/2 (high-speed mode)
1 : f(XIN)/8 (middle-speed mode)
7
Not used (“0” when read, don't write “1”.)
0
: Bit in which nothing is arranged
Note 1: Contents immediately after reset release
0 •••••• “0” at reset release
1 •••••• “1” at reset release
undefined •••••• Undefined at reset release
V •••••• Contents determined by option at reset release
Note 2: Bit attributes •••••• The attributes of control register bits are classified into 3 types : read-only, write-only
and read and write. In the figure, these attributes are represented as follows:
R •••••• Read
W •••••• Write
•••••• Read enabled
•••••• Write enabled
•••••• Read disabled
•••••• Write disabled
Bits
Contents immediately after reset release
Bit attributes
(Note 2)
(Note 1)
CPU mode register (CPUM) [Address : 000016]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com