Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 42Page - Renesas Technology Corp 7630 Datasheet HTML 43Page - Renesas Technology Corp 7630 Datasheet HTML 44Page - Renesas Technology Corp 7630 Datasheet HTML 45Page - Renesas Technology Corp 7630 Datasheet HTML 46Page - Renesas Technology Corp 7630 Datasheet HTML 47Page - Renesas Technology Corp 7630 Datasheet HTML 48Page - Renesas Technology Corp 7630 Datasheet HTML 49Page - Renesas Technology Corp 7630 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 238 page
background image
1-30
7630 Group User’s Manual
+$5':$5(
(3) Handshaking signals
When used as transmitter, the UART will recognize the clear-to-send
signal via P27/UCTS terminal for handshaking. When used as
receiver it will issue a request-to-send signal through P26/URTS pin.
Clear-to-send input
When used as a transmitter (transmit enable bit set to “1”), the UART
starts transmission after recognizing “L” level on P27/UCTS. After
started, the UART will continue to transmit regardless of the actual
level of P27/UCTS or status of the transmit enable bit.
Request-to-send output
The UART controls the P26/URTS output according to the following
conditions.
Table 7: Output control conditions
Fig. 28 Block diagram of UART
Condition
P26/URTS
Receive enable bit is set to “1”
“L”
Reception completed during receive enable
bit set to “1”
Start bit (falling edge) detected
“H”
Receive enable bit is set to “0” before recep-
tion started
Hardware reset
Receive initialization bit is set to “1”
UMOD4,3,2
φ
1
1/8
1/32
1/256
UMOD2, 1
UBRG (8)
Transmit shift register (9)
Transmission
control circuit
Reception control
circuit
P25/UTXD
P27/UCTS
P26/URTS
Bit counter
Bit counter
UMOD7, 6
UMOD7, 6
UART status register
Transmit buffer empty flag
Receive error flags
Receive buffer full interrupt request
Receive error interrupt request
P24/URXD
Transmit buffer (9)
Data bus
Data bus
Transmit buffer empty interrupt request
Transmit register empty interrupt request
Receive buffer full flag
Transmit register empty flag
Receive shift register (9)
Receive buffer (9)
UART control register
“00”
“01”
“10”
“11”
SERIAL I/Os



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com