Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 96Page - Renesas Technology Corp 7630 Datasheet HTML 97Page - Renesas Technology Corp 7630 Datasheet HTML 98Page - Renesas Technology Corp 7630 Datasheet HTML 99Page - Renesas Technology Corp 7630 Datasheet HTML 100Page - Renesas Technology Corp 7630 Datasheet HTML 101Page - Renesas Technology Corp 7630 Datasheet HTML 102Page - Renesas Technology Corp 7630 Datasheet HTML 103Page - Renesas Technology Corp 7630 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 238 page
background image
7630 Group User’s Manual
2-34
$33/,&$7,21
2.4 Controller Area Network (CAN) module
2.4 Controller Area Network (CAN) module
This section outlines the Controller Area Network (CAN) module of the MCU. First the module’s architecture and the
programming interface with its related special function registers are explained. Second, after having defined the fun-
damental operational modes of the module, the programming sequences to initialize and reset the module are clari-
fied. Third, the module’s communication functions, that is acceptance filtering, reception, and transmission are
discussed in detail. The closing of the section goes into the interrupt capabilities, CAN error conditions, and the
wake-up function.
2.4.1 Description
The CAN module can be characterized as follows:
•
Compatibility: The module’s protocol controller complies with CAN specification version 2.0, part B as defined by
Bosch in September 1991 (this document is later on called
CAN specification). The receive and transmit sec-
tions of the module are capable of handling standard (11-bit identifier) as well as extended (29-bit identifier) for-
mat frames of either data or remote type.
•
CPU interface: The module is memory mapped with sixteen control registers, two interrupt control registers, one
transmission, and two receive buffer register sets.
•
Acceptance filtering: Up to 29-bit identifiers can be filtered by using one set of acceptance mask and code regis-
ters.
•
Multi-channel interrupt capability: Separate interrupt vectors for each event (successful transmission, successful
reception, overrun, error passive, bus off) allow efficient and rapid interrupt service routine operation.
•
Low power (sleep) mode: To reduce power consumption, the module can be set to sleep mode; wake-up from
CAN traffic is supported by a dedicated interrupt source and vector.
•
Priority based message management support: To cope with the problem of priority inversion, the contents of the
transmission buffer can be released, in order to let another higher priority message to take over.
•
Baud rate prescaler: This programmable divider provides a flexible baud rate selection up to 625kbps (at
f(XIN) = 10MHz).
•
Programmable bit timing: The durations of propagation time segment (PTS), phase buffer segments 1 (PBS1),
and 2 (PBS2) are programmable.
•
Physical interface: A two terminal CMOS-compatible interface (formed by ports P31 and P32) allows direct con-
nection to the most popular transceiver devices (e.g. ISO 11898, ISO 11519).
Refer to the block diagram in Figure 2.4.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com