Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 98Page - Renesas Technology Corp 7630 Datasheet HTML 99Page - Renesas Technology Corp 7630 Datasheet HTML 100Page - Renesas Technology Corp 7630 Datasheet HTML 101Page - Renesas Technology Corp 7630 Datasheet HTML 102Page - Renesas Technology Corp 7630 Datasheet HTML 103Page - Renesas Technology Corp 7630 Datasheet HTML 104Page - Renesas Technology Corp 7630 Datasheet HTML 105Page - Renesas Technology Corp 7630 Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 238 page
background image
7630 Group User’s Manual
2-36
$33/,&$7,21
2.4 Controller Area Network (CAN) module
Fig. 2.4.2 Memory map of CAN related registers
000216
Interrupt request register A
IREQA
000316
Interrupt request register B
IREQB
...
...
000516
Interrupt control register A
ICONA
000616
Interrupt control register B
ICONB
...
...
002F16
Polarity control register
PCON
003016
CAN transmit control register
CTRM
003116
CAN bus timing control register 1
CBTCON1
003216
CAN bus timing control register 2
CBTCON2
003316
CAN acceptance code register 0
CAC0
003416
CAN acceptance code register 1
CAC1
003516
CAN acceptance code register 2
CAC2
003616
CAN acceptance code register 3
CAC3
003716
CAN acceptance code register 4
CAC4
003816
CAN acceptance mask register 0
CAM0
003916
CAN acceptance mask register 1
CAM1
003A16
CAN acceptance mask register 2
CAM2
003B16
CAN acceptance mask register 3
CAM3
003C16
CAN acceptance mask register 4
CAM4
003D16
CAN receive control register
CREC
003E16
CAN transmit abort register
CABORT
……
004016
CAN transmit buffer register 0
CTB0
004116
CAN transmit buffer register 1
CTB1
004216
CAN transmit buffer register 2
CTB2
004316
CAN transmit buffer register 3
CTB3
004416
CAN transmit buffer register 4
CTB4
004516
CAN transmit buffer register 5
CTB5
004616
CAN transmit buffer register 6
CTB6
004716
CAN transmit buffer register 7
CTB7
004816
CAN transmit buffer register 8
CTB8
004916
CAN transmit buffer register 9
CTB9
004A16
CAN transmit buffer register A
CTBA
004B16
CAN transmit buffer register B
CTBB
004C16
CAN transmit buffer register C
CTBC
004D16
CAN transmit buffer register D
CTBD
……
005016
CAN receive buffer register 0
CRB0
005116
CAN receive buffer register 1
CRB1
005216
CAN receive buffer register 2
CRB2
005316
CAN receive buffer register 3
CRB3
005416
CAN receive buffer register 4
CRB4
005516
CAN receive buffer register 5
CRB5
005616
CAN receive buffer register 6
CRB6
005716
CAN receive buffer register 7
CRB7
005816
CAN receive buffer register 8
CRB8
005916
CAN receive buffer register 9
CRB9
005A16
CAN receive buffer register A
CRBA
005B16
CAN receive buffer register B
CRBB
005C16
CAN receive buffer register C
CRBC
005D16
CAN receive buffer register D
CRBD
Control registers and
Transmit buffer registers
Interrupt request/control registers
Receive buffer registers
(double buffer concept)
acceptance filter registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com