Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 24Page - Renesas Technology Corp 7630 Datasheet HTML 25Page - Renesas Technology Corp 7630 Datasheet HTML 26Page - Renesas Technology Corp 7630 Datasheet HTML 27Page - Renesas Technology Corp 7630 Datasheet HTML 28Page - Renesas Technology Corp 7630 Datasheet HTML 29Page - Renesas Technology Corp 7630 Datasheet HTML 30Page - Renesas Technology Corp 7630 Datasheet HTML 31Page - Renesas Technology Corp 7630 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 238 page
background image
1-12
7630 Group User’s Manual
+$5':$5(
SPECIAL FUNCTION REGISTERS (SFR)
Fig. 9 Memory map of special register (SFR)
003016 CAN transmit control register
CTRM
003116 CAN bus timing control register 1
CBTCON1
003216 CAN bus timing control register 2
CBTCON2
003316 CAN acceptance code register 0
CAC0
003416 CAN acceptance code register 1
CAC1
003516 CAN acceptance code register 2
CAC2
003616 CAN acceptance code register 3
CAC3
003716 CAN acceptance code register 4
CAC4
003816 CAN acceptance mask register 0
CAM0
003916 CAN acceptance mask register 1
CAM1
003A16 CAN acceptance mask register 2
CAM2
003B16 CAN acceptance mask register 3
CAM3
003C16 CAN acceptance mask register 4
CAM4
003D16 CAN receive control register
CREC
003E16 CAN transmit abort register
CABORT
003F16 Reserved
004016 CAN transmit buffer register 0
CTB0
004116 CAN transmit buffer register 1
CTB1
004216 CAN transmit buffer register 2
CTB2
004316 CAN transmit buffer register 3
CTB3
004416 CAN transmit buffer register 4
CTB4
004516 CAN transmit buffer register 5
CTB5
004616 CAN transmit buffer register 6
CTB6
004716 CAN transmit buffer register 7
CTB7
004816 CAN transmit buffer register 8
CTB8
004916 CAN transmit buffer register 9
CTB9
004A16 CAN transmit buffer register A
CTBA
004B16 CAN transmit buffer register B
CTBB
004C16 CAN transmit buffer register C
CTBC
004D16 CAN transmit buffer register D
CTBD
004E16 Reserved
004F16 Reserved
005016 CAN receive buffer register 0
CRB0
005116 CAN receive buffer register 1
CRB1
005216 CAN receive buffer register 2
CRB2
005316 CAN receive buffer register 3
CRB3
005416 CAN receive buffer register 4
CRB4
005516 CAN receive buffer register 5
CRB5
005616 CAN receive buffer register 6
CRB6
005716 CAN receive buffer register 7
CRB7
005816 CAN receive buffer register 8
CRB8
005916 CAN receive buffer register 9
CRB9
005A16 CAN receive buffer register A
CRBA
005B16 CAN receive buffer register B
CRBB
005C16 CAN receive buffer register C
CRBC
005D16 CAN receive buffer register D
CRBD
005E16 Reserved
005F16 Reserved
000016 CPU mode register
CPUM
000116 Not used
000216 Interrupt request register A
IREQA
000316 Interrupt request register B
IREQB
000416 Interrupt request register C
IREQC
000516 Interrupt control register A
ICONA
000616 Interrupt control register B
ICONB
000716 Interrupt control register C
ICONC
000816 Port P0 register
P0
000916 Port P0 direction register
P0D
000A16 Port P1 register
P1
000B16 Port P1 direction register
P1D
000C16 Port P2 register
P2
000D16 Port P2 direction register
P2D
000E16 Port P3 register
P3
000F16 Port P3 direction register
P3D
001016 Port P4 register
P4
001116 Port P4 direction register
P4D
001216 Serial I/O shift register
SIO
001316 Serial I/O control register
SIOCON
001416 A-D conversion register
AD
001516 A-D control register
ADCON
001616 Timer 1
T1
001716 Timer 2
T2
001816 Timer 3
T3
001916 Timer 123 mode register
T123M
001A16 Timer XL
TXL
001B16 Timer XH
TXH
001C16 Timer YL
TYL
001D16 Timer YH
TYH
001E16 Timer X mode register
TXM
001F16 Timer Y mode register
TYM
002016 UART mode register
UMOD
002116 UART baud rate generator
UBRG
002216 UART control register
UCON
002316 UART status register
USTS
002416 UART transmit buffer register 1
UTBR1
002516 UART transmit buffer register 2
UTBR2
002616 UART receive buffer register 1
URBR1
002716 UART receive buffer register 2
URBR2
002816 Port P0 pull-up control register
PUP0
002916 Port P1 pull-up control register
PUP1
002A16 Port P2 pull-up control register
PUP2
002B16 Port P3 pull-up control register
PUP3
002C16 Port P4 pull-up/down control register
PUP4
002D16 Interrupt polarity selection register
IPOL
002E16 Watchdog timer register
WDT
002F16 Polarity control register
PCON
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com