Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 16Page - Renesas Technology Corp 7630 Datasheet HTML 17Page - Renesas Technology Corp 7630 Datasheet HTML 18Page - Renesas Technology Corp 7630 Datasheet HTML 19Page - Renesas Technology Corp 7630 Datasheet HTML 20Page - Renesas Technology Corp 7630 Datasheet HTML 21Page - Renesas Technology Corp 7630 Datasheet HTML 22Page - Renesas Technology Corp 7630 Datasheet HTML 23Page - Renesas Technology Corp 7630 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 238 page
background image
1-4
7630 Group User’s Manual
+$5':$5(
PIN DESCRIPTION
Table 1: Pin description
Pin
Name
Input/Output
Description
VCC, VSS
Power source
voltage
Power supply pins; apply 4.0 to 5.5 V to VCC and 0 V to VSS
AVSS
Analog power
source voltage
Ground pin for A-D converter. Connect to VSS
RESET
Reset input
Input
Reset pin. This pin must be kept at “L” level for more than 2
µs, to enter the reset state.
If the crystal or ceramic resonator requires more time to stabilize, extend the “L” level
period.
XIN
Clock input
Input
Input and output pins of the internal clock generating circuit. Connect a ceramic or
quartz–crystal resonator between the XIN and XOUT pins. When an external clock
source is used, connect it to XIN and leave XOUT open.
XOUT
Clock output
Output
VREF
Reference volt-
age input
Input
Reference voltage input pin for A-D converter
P00/AN0—
P07/AN7
I/O port P0
I/O
CMOS I/O ports or analog input ports
P11/INT0
Input
CMOS input port or external interrupt input port. The active edge (rising or falling) of
external interrupts can be selected. This pin will be used as VPP pin during PROM pro-
gramming of One Time PROM Versions.
P12/INT1
CMOS I/O port or external interrupt input port. The active edge (rising or falling) of
external interrupts can be selected.
P13/TX0
CMOS I/O port or input pin used in the bi-phase counter mode
P14/CNTR0
I/O port P1
I/O
CMOS I/O port or timer X input pin used for the event counter, pulse width measure-
ment and bi-phase counter mode
P15/CNTR1
CMOS I/O port or timer Y input pin used for the event counter, pulse width and pulse
period measurement mode
P16/PWM
CMOS I/O port or PWM output pin used in the PWM mode of timers 2 and 3
P17
CMOS I/O port
P20/SIN
P21/SOUT
P22/SCLK
P23/SRDY
CMOS I/O ports or clock synchronous serial I/O pins
P24/URXD
P25/UTXD
P26/URTS
P27/UCTS
CMOS I/O ports or asynchronous serial I/O pins
P30
CMOS I/O port
P31/CTX
CMOS I/O port or CAN transmit data pin
P32/CRX
CMOS I/O port or CAN receive data pin
P33—P34
CMOS I/O port
P40/KW0—
P47/KW7
I/O port P4
I/O
CMOS I/O ports. These ports can be used for key-on wake-up when configured as
inputs.
I/O port P2
I/O
I/O port P3
I/O
PIN DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com