Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 56Page - Renesas Technology Corp 7630 Datasheet HTML 57Page - Renesas Technology Corp 7630 Datasheet HTML 58Page - Renesas Technology Corp 7630 Datasheet HTML 59Page - Renesas Technology Corp 7630 Datasheet HTML 60Page - Renesas Technology Corp 7630 Datasheet HTML 61Page - Renesas Technology Corp 7630 Datasheet HTML 62Page - Renesas Technology Corp 7630 Datasheet HTML 63Page - Renesas Technology Corp 7630 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 238 page
background image
1-44
7630 Group User’s Manual
+$5':$5(
DATA REQUIRED FOR MASK ORDERS
The following are necessary when ordering a mask ROM production:
1
Mask ROM Order Confirmation Form
2
Mark Specification Form
3
Contents of Mask ROM, in EPROM form (three identical
copies)
PROM PROGRAMMING METHOD
The built-in PROM of the blank One Time PROM version and built-in
EPROM version can be read or programmed with a general purpose
PROM programmer using a special programming adapter. Set the
address of PROM programmer to the user ROM area.
For the programming adapter type name, please refer to the following
table:
The PROM of the blank One Time PROM version is not tested or
screened in the assembly process and following processes. To
ensure proper operation after programming, the procedure shown in
Fig. 50 is recommended to verify programming.
Fig. 50
Programming and testing of One Time PROM version
Table 8: Programming adapter name
MCU type
PackageProgramming adapter type
One Time
PROM
44P6N-A
PCA7430
EPROM
80D0
PCA7431
Programming with PROM programmer
Screening *(Note)
(150
°C for 40 hours)
Verification with PROM programmer
Functional test in target unit
Note on screening:
The screening temperature is far higher than the storage temper-
ature. Never subject the device to 150
°C exceeding 100 hours.
DATA REQUIRED FOR MASK ORDERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com