Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 79 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 79 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 75Page - Renesas Technology Corp 7630 Datasheet HTML 76Page - Renesas Technology Corp 7630 Datasheet HTML 77Page - Renesas Technology Corp 7630 Datasheet HTML 78Page - Renesas Technology Corp 7630 Datasheet HTML 79Page - Renesas Technology Corp 7630 Datasheet HTML 80Page - Renesas Technology Corp 7630 Datasheet HTML 81Page - Renesas Technology Corp 7630 Datasheet HTML 82Page - Renesas Technology Corp 7630 Datasheet HTML 83Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 238 page
background image
2-13
7630 Group User’s Manual
APPLICATION
2.2 Interrupts
Fig. 2.2.8 Structure of Interrupt polarity selection register
Fig. 2.2.9 Structure of Polarity control register
Interrupt polarity selection register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
Name
INT0 interrupt edge selection bit
(Note)
0
0
Interrupt polarity selection register (IPOL) [Address : 002D16]
0: Falling edge active
1: Rising edge active
0: Falling edge active
1: Rising edge active
Not used (“0” when read, don't write “1”.)
4
5
6
7
Not used (“0” when read, don't write “1”.)
0
0
INT1 interrupt edge selection bit
(Note)
Note: To use the external interrupt functions, the pull-up transistor corresponding to the
selected active level must be enabled by the corresponding pull-up transistor control
bits of the Port P1 pull-up control register).
0
0
0
0
Polarity control register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
Name
Key-on wake-up polarity
control bit
CAN module dominant level
control bit (Note)
0
0
?
Polarity control register (PCON) [Address : 002F16]
0: Low level active (P4 pull-up)
1: High level active (P4 pull-down)
0: Low level dominant (P32 pull-up)
1: High level dominant (P32 pull-down)
Not used (undefined when read.)
4
5
6
7
?
?
?
?
?
Note: The selected dominant level also controls the polarity of the pull-transistor enabled
by the P32 pull-up/down transistor control bit (bit 2 of the Port P3 pull-up control
register), the transistor pulling toward the recessive level is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com