Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 88Page - Renesas Technology Corp 7630 Datasheet HTML 89Page - Renesas Technology Corp 7630 Datasheet HTML 90Page - Renesas Technology Corp 7630 Datasheet HTML 91Page - Renesas Technology Corp 7630 Datasheet HTML 92Page - Renesas Technology Corp 7630 Datasheet HTML 93Page - Renesas Technology Corp 7630 Datasheet HTML 94Page - Renesas Technology Corp 7630 Datasheet HTML 95Page - Renesas Technology Corp 7630 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 238 page
background image
2-26
7630 Group User’s Manual
APPLICATION
2.3 Timers
(3) Timer application example 2 : Measurement of frequency
Outline : To judge if the frequency is within a given range, the following two values are compared
• Timer value (representing the number of pulses at P14/CNTR0),
• Referance value.
Specifications : • The pulse is input to the P14/CNTR0 pin and counted by the Timer X.
• A count value is read out at the interval of about 2 ms (Timer Y interrupt interval).
When the count value is between 28 and 40, the input signal is judged valid.
• Because the timer is a down-counter, the count value is compared with 227 to 215V.
V 227 to 215 = 255 (initialized value of counter) – 28 to 40 (the number of valid
value)
Figure 2.3.11 shows a method for judging if input pulse exists, and Figure 2.3.12 and Figure 2.3.13
show a setting of related registers.
Fig. 2.3.11 A method for judging if input pulse exists
Input pulse
More than 71.4
µs
(Less than 14 kHz)
Less than 50
µs
(More than 20 kHz)
71.4
µs
(14 kHz)
50
µs
(20 kHz)
Invalid
Valid
Invalid
2 ms
71.4
µs
= 28 counts
2 ms
50
µs
= 40 counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com