Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 89Page - Renesas Technology Corp 7630 Datasheet HTML 90Page - Renesas Technology Corp 7630 Datasheet HTML 91Page - Renesas Technology Corp 7630 Datasheet HTML 92Page - Renesas Technology Corp 7630 Datasheet HTML 93Page - Renesas Technology Corp 7630 Datasheet HTML 94Page - Renesas Technology Corp 7630 Datasheet HTML 95Page - Renesas Technology Corp 7630 Datasheet HTML 96Page - Renesas Technology Corp 7630 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 238 page
background image
APPLICATION
2.3 Timers
2-27
7630 Group User’s Manual
Fig. 2.3.12 Setting of related registers [Measurement of frequency] (1)
b0
b7
CPUM
CPU mode register [Address: 000016]
0
Internal system clock selection bit :
φ = f(XIN) divided by 2
(high-speed mode)
Timer X mode bits : Event counter mode
b0
b7
TXL
Timer XL [Address: 001A16]
FF16
Set to “00FF16” before counting a pulse.
(After being started, the timer decrements with each input pulse.)
b0
b7
TXM
Timer X mode register [Address: 001E16]
0
10
Timer X data write control bit : Write to latch and timer
at the same time.
11
CNTR0 polarity selection bit : Count at falling edge
Timer X stop control bit : Stop counting
(Clear this bit to “0” to start counting.)
Timer Y operation bits : Timer mode
b0
b7
TYM
Timer Y mode register [Address: 001F16]
1
0
10
Timer Y stop control bit : Stop counting
(Clear this bit to “0” to start counting.)
Timer Y count source selection bits :
φ divided by 8
0
b0
b7
Timer XH [Address: 001B16]
0016
TXH
b0
b7
TYL
Timer YL [Address: 001C16]
E716
b0
b7
Timer YH [Address: 001D16]
0316
TYH
Set to “division ratio – 1” to generate underflow
every 2 ms at f(XIN) = 8 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com