Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 73Page - Renesas Technology Corp 7630 Datasheet HTML 74Page - Renesas Technology Corp 7630 Datasheet HTML 75Page - Renesas Technology Corp 7630 Datasheet HTML 76Page - Renesas Technology Corp 7630 Datasheet HTML 77Page - Renesas Technology Corp 7630 Datasheet HTML 78Page - Renesas Technology Corp 7630 Datasheet HTML 79Page - Renesas Technology Corp 7630 Datasheet HTML 80Page - Renesas Technology Corp 7630 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 238 page
background image
2-11
7630 Group User’s Manual
APPLICATION
2.2 Interrupts
Fig. 2.2.4 Structure of Interrupt request register C
Fig. 2.2.5 Structure of Interrupt control register A
Interrupt request register C
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
2
3
4
5
6
7
Name
Interrupt request register C (IREQC) [Address : 000416]
0
1
0
Not used (“0” when read.)
0
UART receive complete (receive
buffer full) interrupt request bit
0
0
0
0
0
0
0 : No interrupt request
1 : Interrupt requested
UART transmit complete (transmit
register empty) interrupt request bit
0 : No interrupt request
1 : Interrupt requested
UART transmit buffer empty
interrupt request bit
0 : No interrupt request
1 : Interrupt requested
UART receive error
interrupt request bit
0 : No interrupt request
1 : Interrupt requested
Serial I/O interrupt request bit
0 : No interrupt request
1 : Interrupt requested
AD conversion complete
interrupt request bit
0 : No interrupt request
1 : Interrupt requested
Key-on wake-up
interrupt request bit
0 : No interrupt request
1 : Interrupt requested
V
V
V
V
V
V
V
V Can be cleared to “0” by software, but cannot be set to “1”.
Interrupt control register A
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
2
3
4
5
6
7
Name
Interrupt control register A (ICONA) [Address : 000516]
0
1
0
Not used (“0” when read.)
0
External interrupt INT0 enable bit
0
0
0
0
0
0
0 : Interrupt disabled
1 : Interrupt enabled
External interrupt INT1 enable bit
CAN successful transmission
interrupt enable bit
CAN successful receive
interrupt enable bit
CAN overrun
interrupt enable bit
CAN error passive
interrupt enable bit
CAN bus off
interrupt enable bit
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled
0 : Interrupt disabled
1 : Interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com