Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 18Page - Renesas Technology Corp 7630 Datasheet HTML 19Page - Renesas Technology Corp 7630 Datasheet HTML 20Page - Renesas Technology Corp 7630 Datasheet HTML 21Page - Renesas Technology Corp 7630 Datasheet HTML 22Page - Renesas Technology Corp 7630 Datasheet HTML 23Page - Renesas Technology Corp 7630 Datasheet HTML 24Page - Renesas Technology Corp 7630 Datasheet HTML 25Page - Renesas Technology Corp 7630 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 238 page
background image
1-6
7630 Group User’s Manual
+$5':$5(
GROUP EXPANSION
Mitsubishi plans to expand the 7630 group as follows:
Memory Type
Support mask ROM, One Time PROM and EPROM versions.
Memory Size
ROM/PROM size . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Kbytes
RAM size. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 512 bytes
Package
44P6N-A . . . . . . . . . . . . . . . . . .0.8mm-pitch plastic molded QFP
80D0 . . . . . . . . . . . 0.8mm-pitch ceramic LCC (EPROM version)
Fig. 4 Memory expansion plan
Currently supported products are listed below:
ROM
External
60K
48K
32K
28K
24K
20K
16K
12K
8K
384
512
640
768
896
1024
RAM size (bytes)
M37630M4T
M37630E4T
Under development
Mass product
Table 2: List of supported products
Product
(P)ROM size (bytes)
ROM size for User ( )
RAM size (bytes)
Package
Remarks
M37630M4T-XXXFP
Mask ROM version
M37630E4T-XXXFP
16384
512
44P6N-A
One Time PROM version
M37630E4FP
(16252)
One Time PROM version (blank)
M37630E4FS
80D0
EPROM version
As of March 1998
GROUP EXPANSION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com