Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 72Page - Renesas Technology Corp 7630 Datasheet HTML 73Page - Renesas Technology Corp 7630 Datasheet HTML 74Page - Renesas Technology Corp 7630 Datasheet HTML 75Page - Renesas Technology Corp 7630 Datasheet HTML 76Page - Renesas Technology Corp 7630 Datasheet HTML 77Page - Renesas Technology Corp 7630 Datasheet HTML 78Page - Renesas Technology Corp 7630 Datasheet HTML 79Page - Renesas Technology Corp 7630 Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 238 page
background image
APPLICATION
2.2 Interrupts
2-10
7630 Group User’s Manual
2.2.2 Related registers
Fig. 2.2.2 Structure of Interrupt request register A
Fig. 2.2.3 Structure of Interrupt request register B
Interrupt request register A
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
2
3
4
5
6
7
Name
Interrupt request register A (IREQA) [Address : 000216]
0
1
0
Not used (“0” when read.)
0
External interrupt INT0 request bit
0
0
0
0
0
0
0 : No interrupt request
1 : Interrupt requested
External interrupt INT1 request bit
0 : No interrupt request
1 : Interrupt requested
CAN successful transmission
interrupt request bit
0 : No interrupt request
1 : Interrupt requested
CAN successful receive
interrupt request bit
0 : No interrupt request
1 : Interrupt requested
CAN overrun
interrupt request bit
0 : No interrupt request
1 : Interrupt requested
CAN error passive
interrupt request bit
0 : No interrupt request
1 : Interrupt requested
CAN bus off
interrupt request bit
0 : No interrupt request
1 : Interrupt requested
V
V
V
V
V
V
V
V Can be cleared to “0” by software, but cannot be set to “1”.
Interrupt request register B
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
2
3
4
5
6
7
Name
Interrupt request register B (IREQB) [Address : 000316]
0
1
0
0
Timer X interrupt request bit
0
0
0
0
0
0
0 : No interrupt request
1 : Interrupt requested
Timer Y interrupt request bit
0 : No interrupt request
1 : Interrupt requested
Timer 1 interrupt request bit
0 : No interrupt request
1 : Interrupt requested
Timer 2 interrupt request bit
0 : No interrupt request
1 : Interrupt requested
Timer 3 interrupt request bit
0 : No interrupt request
1 : Interrupt requested
CNTR0 interrupt request bit
0 : No interrupt request
1 : Interrupt requested
CNTR1 interrupt request bit
0 : No interrupt request
1 : Interrupt requested
V
V
V
V
V
V
V
0 : No interrupt request
1 : Interrupt requested
V
CAN wake-up
interrupt request bit
V Can be cleared to “0” by software, but cannot be set to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com