Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 65Page - Renesas Technology Corp 7630 Datasheet HTML 66Page - Renesas Technology Corp 7630 Datasheet HTML 67Page - Renesas Technology Corp 7630 Datasheet HTML 68Page - Renesas Technology Corp 7630 Datasheet HTML 69Page - Renesas Technology Corp 7630 Datasheet HTML 70Page - Renesas Technology Corp 7630 Datasheet HTML 71Page - Renesas Technology Corp 7630 Datasheet HTML 72Page - Renesas Technology Corp 7630 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 238 page
background image
APPLICATION
2.1 I/O ports
2-3
7630 Group User’s Manual
2.1.2 Related registers
Fig. 2.1.2 Structure of Port Pi register (i = 0, 1, 2, 3, 4)
Port Pi register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
Port Pi0
Port Pi1
Port Pi2
Port Pi3
Port Pi4
Port Pi5
Port Pi6
Port Pi7
• In output mode
Write
Read
Port latch
• In input mode
Write : Port latch
Read : Value of pins
0
0
0
0
0
0
0
0
Port Pi register (Pi) (i = 0, 1, 2, 3, 4)
[Address : 000816, 000A16, 000C16, 000E16, 001016]
Note: The bits corresponding to P10, P35, P36 and P37 are reserved (“0” when read, don't
write “1”).
Fig. 2.1.3 Structure of Port Pi direction register (i = 0, 1, 2, 3, 4)
Port Pi direction register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
Port Pi direction register
0
0
0
0
0
0
0
0
Port Pi direction register (PiD) (i = 0, 1, 2, 3, 4)
[Address : 000916, 000B16, 000D16, 000F16, 001116]
0 : Port Pi0 input mode
1 : Port Pi0 output mode
0 : Port Pi1 input mode
1 : Port Pi1 output mode
0 : Port Pi2 input mode
1 : Port Pi2 output mode
0 : Port Pi3 input mode
1 : Port Pi3 output mode
0 : Port Pi4 input mode
1 : Port Pi4 output mode
0 : Port Pi5 input mode
1 : Port Pi5 output mode
0 : Port Pi6 input mode
1 : Port Pi6 output mode
0 : Port Pi7 input mode
1 : Port Pi7 output mode
Note: The direction control bits corresponding to P10, P11, P35, P36 and P37 are reserved
(“0” when read, don't write “1”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com