Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 14Page - Renesas Technology Corp 7630 Datasheet HTML 15Page - Renesas Technology Corp 7630 Datasheet HTML 16Page - Renesas Technology Corp 7630 Datasheet HTML 17Page - Renesas Technology Corp 7630 Datasheet HTML 18Page - Renesas Technology Corp 7630 Datasheet HTML 19Page - Renesas Technology Corp 7630 Datasheet HTML 20Page - Renesas Technology Corp 7630 Datasheet HTML 21Page - Renesas Technology Corp 7630 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 238 page
background image
1-2
7630 Group User’s Manual
+$5':$5(
DESCRIPTION
The 7630 group is a single chip 8-bit microcomputer designed with
CMOS silicon gate technology.
Being equipped with a CAN (Controller Area Network) module circuit,
the microcomputer is suited to drive automotive equipments. The
CAN module complies with CAN specification version 2.0, part B and
allows priority-based message management.
In addition to the microcomputers simple instruction set, the ROM,
RAM and I/O addresses are placed in the same memory map to
enable easy programming.
The built-in ROM is available as mask ROM or One Time PROM. For
development purposes, emulator- and EPROM-type microcomputers
are available as well.
FEATURES
z Basic machine-language instructions . . . . . . . . . . . . . . . . . 71
z Minimum instruction execution time
(at 10 MHz oscillation frequency). . . . . . . . . . . . . . . . . . .0.2
µs
z Memory size
ROM. . . . . . . . . . . . . . . . . 16252 bytes (M37630M4T-XXXFP)
RAM . . . . . . . . . . . . . . . . . . . 512 bytes (M37630M4T-XXXFP)
z I/O ports
Programmable I/O ports. . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
z Interrupts . . . . . . . . . . . . . . . . . . . . . . . . 24 sources, 24 vectors
z Timers
16-bit Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 channels
8-bit Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 channels
z Serial I/Os
Clock synchronous. . . . . . . . . . . . . . . . . . . . . . . . . . . 1 channel
UART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 channel
z CAN module
(CAN specification version 2.0, part B) . . . . . . . . . . . 1 channel
z A-D converter . . . . . . . . . . . . . . . . . . . . . . . . 8-bits x 8 channels
z Watchdog timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
z Clock Generating Circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Built-in with internal feedback resistor
z Power source voltage
(at 10 MHz oscillation frequency). . . . . . . . . . . . . . . 4.0 to 5.5 V
z Power dissipation
In high-speed mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
z Operating temperature range. . . . . . . . . . . . . . . . . –40 to 85 °C
z Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44QFP (44P6N-A)
APPLICATION
Automotive controls
Fig. 1 Pin configuration of M37630M4T–XXXFP
34
22
35
21
36
20
37
19
38
18
39
17
40
16
41
15
42
14
43
13
44
12
M37630M4T-XXXFP
M37630E4T-XXXFP
P17
P20/SIN
P21/SOUT
P22/SCLK
P23/SRDY
VSS
P24/URXD
P25/UTXD
P26/URTS
P27/UCTS
P30
P02/AN2
P01/AN1
P00/AN0
VREF
AVSS
VCC
XOUT
XIN
VSS
RESET
P47/KW7
Package type: 44P6N-A
PIN CONFIGURATION (TOP VIEW)
44-pin plastic molded QFP
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com