Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 85Page - Renesas Technology Corp 7630 Datasheet HTML 86Page - Renesas Technology Corp 7630 Datasheet HTML 87Page - Renesas Technology Corp 7630 Datasheet HTML 88Page - Renesas Technology Corp 7630 Datasheet HTML 89Page - Renesas Technology Corp 7630 Datasheet HTML 90Page - Renesas Technology Corp 7630 Datasheet HTML 91Page - Renesas Technology Corp 7630 Datasheet HTML 92Page - Renesas Technology Corp 7630 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 238 page
background image
APPLICATION
2.3 Timers
2-23
7630 Group User’s Manual
(2) Timer application example 1 : Clock function (measurement of 25 ms)
Outline : The input clock is divided by a timer so that the clock counts up every 25 ms.
Specifications : • The clock f(XIN) = 8 MHz is divided by a timer.
• The clock is counted at intervals of 25 ms by the Timer 3 interrupt.
Figure 2.3.8 shows the timers connection and division ratios, Figures 2.3.9 show a setting of related
registers, and Figure 2.3.10 shows a control procedure.
Fig. 2.3.8 Timers connection and division ratios [Clock function]
1/2
Pre-divider (Note 2)
Timer 1
Timer 3
25 ms
The clock is divided by 40
by software.
1 second
f(XIN) = 8 MHz
1/8
1/250
1/50
1/40
φ
(Note 1)
Note 1: The internal system clock
φ is divided f(XIN) by 2 or by 8. The division ratio is decided by
the Internal system clock selection bit (bit 6 of the CPU mode register [address: 000016] ).
Note 2: The division ratio is decided by the Pre-divider division ratio bits (bit 6 and bit 7 of the
Timer 123 mode register [address: 001916] ).
Timer 3
interrupt request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com