Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 29Page - Renesas Technology Corp 7630 Datasheet HTML 30Page - Renesas Technology Corp 7630 Datasheet HTML 31Page - Renesas Technology Corp 7630 Datasheet HTML 32Page - Renesas Technology Corp 7630 Datasheet HTML 33Page - Renesas Technology Corp 7630 Datasheet HTML 34Page - Renesas Technology Corp 7630 Datasheet HTML 35Page - Renesas Technology Corp 7630 Datasheet HTML 36Page - Renesas Technology Corp 7630 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 238 page
background image
1-17
7630 Group User’s Manual
+$5':$5(
INTERRUPTS
There are 24 interrupts: 6 external, 17 internal, and 1 software.
Interrupt Control
Each interrupt except the BRK instruction interrupt has both an inter-
rupt request bit and an interrupt enable bit, and is controlled by the
interrupt disable flag. An interrupt occurs when the corresponding
interrupt request and enable bits are “1” and the interrupt disable flag
is “0”. Interrupt enable bits can be cleared or set by software. Inter-
rupt request bits can be cleared by software but cannot be set by
software. The BRK instruction interrupt and reset cannot be disabled
with any flag or bit. The I flag disables all interrupts except the BRK
instruction interrupt and reset. If several interrupt requests occur at
the same time, the interrupt with the highest priority is accepted first.
Interrupt Operation
Upon acceptance of an interrupt, the following operations are auto-
matically performed.
1.
The processing being executed is stopped.
2.
The contents of the program counter and processor status
register are automatically pushed onto the stack.
3.
Concurrently with the push operation, the interrupt jump
destination address is read from the vector table into the
program counter.
4.
The interrupt disable flag is set and the corresponding interrupt
request bit is cleared.
Notes on use
When the active edge of an external interrupt (INT0, INT1, CNTR0,
CNTR1, CWKU or KOI) is changed, the corresponding interrupt
request bit may also be set. Therefore, take the following sequence.
(1) Disable the external interrupt which is selected.
(2) Change the active edge in interrupt edge selection register.
(in the case of CNTR0: Timer X mode register; in the case of
CNTR1: Timer Y mode register)
(3) Clear the interrupt request bit to “0”.
(4) Enable the external interrupt which is selected.
INTERRUPTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com