Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 76Page - Renesas Technology Corp 7630 Datasheet HTML 77Page - Renesas Technology Corp 7630 Datasheet HTML 78Page - Renesas Technology Corp 7630 Datasheet HTML 79Page - Renesas Technology Corp 7630 Datasheet HTML 80Page - Renesas Technology Corp 7630 Datasheet HTML 81Page - Renesas Technology Corp 7630 Datasheet HTML 82Page - Renesas Technology Corp 7630 Datasheet HTML 83Page - Renesas Technology Corp 7630 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 238 page
background image
APPLICATION
2.2 Interrupts
2-14
7630 Group User’s Manual
2.2.3 Interrupt setting method
Figure 2.2.10 and Figure 2.2.11 show interrupt setting method.
Fig. 2.2.10 Interrupt setting method (1)
b7
b0
Interrupt control register A (ICONA) [Address: 000516]
External interrupt INT0 enable bit
External interrupt INT1 enable bit
CAN successful transmission interrupt enable bit
CAN successful receive interrupt enable bit
CAN overrun interrupt enable bit
CAN error passive interrupt enable bit
CAN bus off interrupt enable bit
b7
b0
Interrupt control register B (ICONB) [Address: 000616]
CAN wake-up interrupt, interrupt disabled.
Timer X interrupt enable bit
Timer Y interrupt enable bit
Timer 1 interrupt enable bit
Timer 2 interrupt enable bit
Timer 3 interrupt enable bit
CNTR0 interrupt enable bit
CNTR1 interrupt enable bit
b7
b0
Interrupt control register C (ICONC) [Address: 000716]
UART receive complete (receive buffer full) interrupt enable bit
UART transmit complete (transmit register empty) interrupt enable bit
UART transmit buffer empty interrupt enable bit
UART receive error interrupt enable bit
Serial I/O interrupt enable bit
AD conversion complete interrupt enable bit
Key-on wake-up interrupt enable bit
Step 1: Disable all interrupts or the setting interrupts to prevent unnecessary interrupts occurring during setting.
Step 2: Set the each function related the setting interrupts (Note 1).
Note 1: For details, refer to setting method of each function.
In the former, set the Interrupt disable flag (I) to “1”.
In the latter, clear the corresponding interrupt enable bits to “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com