Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 19Page - Renesas Technology Corp 7630 Datasheet HTML 20Page - Renesas Technology Corp 7630 Datasheet HTML 21Page - Renesas Technology Corp 7630 Datasheet HTML 22Page - Renesas Technology Corp 7630 Datasheet HTML 23Page - Renesas Technology Corp 7630 Datasheet HTML 24Page - Renesas Technology Corp 7630 Datasheet HTML 25Page - Renesas Technology Corp 7630 Datasheet HTML 26Page - Renesas Technology Corp 7630 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 238 page
background image
1-7
7630 Groop User’s Manual
HARDWARE
FUNCTIONAL DESCRIPTION
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The 7630 group uses the standard 740 family instruction set. Refer
to the table of 7600 series addressing modes and machine instruc-
tions or the 7600 series Software Manual for details on the instruc-
tion set.
Machine-resident 7600 series instructions are as follows:
The MUL, DIV, WIT and STP instruction can be used.
The central processing unit (CPU) has the six registers.
Accumulator (A)
The accumulator is an 8-bit register. Data operations such as data
transfer, etc., are executed mainly through the accumulator.
Index register X (X), Index register Y (Y)
Both index register X and index register Y are 8-bit registers. In the
index addressing modes, the value of the OPERAND is added to the
contents of register X or register Y and specifies the real address.
When the T flag in the processor status register is set to “1”, the
value contained in index register X becomes the address for the sec-
ond OPERAND.
Stack pointer (S)
The stack pointer is an 8-bit register used during sub-routine calls
and interrupts. The stack is used to store the current address data
and processor status when branching to subroutines or interrupt rou-
tines.
The lower eight bits of the stack address are determined by the con-
tents of the stack pointer. The upper eight bits of the stack address
are determined by the Stack Page Selection Bit. If the Stack Page
Selection Bit is “0”, then the RAM in the zero page is used as the
stack area. If the Stack Page Selection Bit is “1”, then RAM in page 1
is used as the stack area.
The Stack Page Selection Bit is located in the SFR area in the zero
page. Note that the initial value of the Stack Page Selection Bit var-
ies with each microcomputer type. Also some microcomputer types
have no Stack Page Selection Bit and the upper eight bits of the
stack address are fixed. The operations of pushing register contents
onto the stack and popping them from the stack are shown in Fig.7.
Program counter (PC)
The program counter is a 16-bit counter consisting of two 8-bit regis-
ters PCH and PCL. It is used to indicate the address of the next in-
struction to be executed.
Fig. 5 740 Family CPU register structure
b7
b0
X
b7
b0
S
b7
b0
Y
b7
b0
PCL
Processor Status Register (PS)
Carry Flag
b7
b0
b7
b0
A
b15
PCH
Zero Flag
Interrupt Disable Flag
Decimal Mode Flag
Break Flag
Index X Mode Flag
Overflow Flag
Negative Flag
Program Counter
Stack Pointer
Index Register Y
Index Register X
Accumulator
C
Z
I
D
B
T
V
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com