Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 59Page - Renesas Technology Corp 7630 Datasheet HTML 60Page - Renesas Technology Corp 7630 Datasheet HTML 61Page - Renesas Technology Corp 7630 Datasheet HTML 62Page - Renesas Technology Corp 7630 Datasheet HTML 63Page - Renesas Technology Corp 7630 Datasheet HTML 64Page - Renesas Technology Corp 7630 Datasheet HTML 65Page - Renesas Technology Corp 7630 Datasheet HTML 66Page - Renesas Technology Corp 7630 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 238 page
background image
1-47
7630 Group User’s Manual
+$5':$5(
Table 12: A-D converter characteristics
Symbol
Parameter
Test conditions
Limits
Unit
min.
typ.
max.
—
Resolution
8Bit
—
Absolute accuracy
±1.0
±2.5
LSB
tCONV
Conversion time
high–speed mode
106
108
tC(XIN)
middle–speed mode
424
432
tC(XIN)
VREF
Reference input voltage2.0
VCC
V
IREF
Reference input current
VCC = VREF = 5.12 V
150
200
µA
RLADDER
Ladder resistor value
35
k
Ω
IIAN
Analog input current
VI = VSS to VCC
0.5
5.0
µA
(VCC = 4.0 to 5.5 V, VSS = AVSS = 0 V, Ta = –40 to 85 °C, unless otherwise noted)
A-D CONVERTER CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com