Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 36Page - Renesas Technology Corp 7630 Datasheet HTML 37Page - Renesas Technology Corp 7630 Datasheet HTML 38Page - Renesas Technology Corp 7630 Datasheet HTML 39Page - Renesas Technology Corp 7630 Datasheet HTML 40Page - Renesas Technology Corp 7630 Datasheet HTML 41Page - Renesas Technology Corp 7630 Datasheet HTML 42Page - Renesas Technology Corp 7630 Datasheet HTML 43Page - Renesas Technology Corp 7630 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 238 page
background image
1-24
7630 Group User’s Manual
+$5':$5(
Fig. 21 Structure of timer Y mode register (
φ is internal system clock)
Operating Modes
(1) Timer mode
This mode is available with timer X and timer Y.
•
Count source
The count source for timer X and Y is the output of the corre-
sponding clock divider. The division ratio can be selected by the
timer Y mode register.
•
Operation
Both timers X and Y are down counters. On a timer underflow, the
corresponding timer interrupt request bit will be set to “1”, the con-
tents of the corresponding timer latches will be reloaded to the
counters and counting continues.
(2) Bi-phase counter mode (quadruplicate)
This mode is available with timer X only.
•
Count source
The count sources are P14/CNTR0 and the P13/TX0 pins.
•
Operation
Timer X will count both rising and falling edges on both input pins
(see above). Refer to Timer X bi-phase counter mode operation
for the timing chart of the bi-phase counter mode.
The count direction is determined by the edge polarity and level of
count source inputs and may change during the count operation.
Refer to the table below.
On a timer over- or underflow, the corresponding interrupt request
bit will be set to “1” and counting continues.
Timer X count source selection bits
b1 b0
00 :
φ divided by 4
01 :
φ divided by 16
10 :
φ divided by 64
11 :
φ divided by 128
Timer Y count source selection bits
b3 b2
00 :
φ divided by 2
01 :
φ divided by 8
10 :
φ divided by 32
11 :
φ divided by 64
Timer Y operation mode bits
b5 b4
0 0 : Timer mode
0 1 : Pulse period measurement mode
1 0 : Event counter mode
1 1 : H/L pulse width measurement mode
CNTR1 polarity selection bit
0 : For event counter mode, rising edge active
For interrupt request, falling edge active
For pulse period measurement mode, refer to falling edges
1 : For event counter mode, falling edge active
For interrupt request, rising edge active
For pulse period measurement mode, refer to rising edges
Timer Y stop control bit
0 : Timer counting
1 : Timer stopped
70
Timer Y mode register (address 001F16)
TYM
Table 6: Timer X count direction in Bi-phase counter mode
P13/TX0
P14/CNTR0
Count direction
↑ Edge
LUp
H
Down
↓ Edge
L
Down
HUp
L
↑ Edge
Down
HUp
L
↓ Edge
Up
H
Down
TIMERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com