Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 27Page - Renesas Technology Corp 7630 Datasheet HTML 28Page - Renesas Technology Corp 7630 Datasheet HTML 29Page - Renesas Technology Corp 7630 Datasheet HTML 30Page - Renesas Technology Corp 7630 Datasheet HTML 31Page - Renesas Technology Corp 7630 Datasheet HTML 32Page - Renesas Technology Corp 7630 Datasheet HTML 33Page - Renesas Technology Corp 7630 Datasheet HTML 34Page - Renesas Technology Corp 7630 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 238 page
background image
1-15
7630 Group User’s Manual
+$5':$5(
Port Pull-up/pull-down Function
Each pin of ports P0 to P4 except P11 is equipped with a programma-
ble pull-up transistor. P32/CRX and P40/KW0 to P47/KW7 are
equipped with programmable pull-down transistors as well. The pull-
up function of P0 to P3 can be controlled by the corresponding port
pull-up control registers (see Structure of port pull-up/down control
registers). The pull-up/down function of ports P32 and P4 can be con-
trolled by the corresponding port pull-up/pull-down registers together
with the polarity control register (see Structure of polarity control reg-
ister).
Fig. 13 Structure of port pull-up/down control registers
Fig. 14 Structure of polarity control register
P3j pull-up transistor control bit (j = 0, 1)
P32 pull-up/down transistor control bit
P3j pull-up transistor control bit (j = 3, 4)
Not used (“0” when read, do not write “1”)
Pij pull-up transistor control bit (j = 0 to 7)
0 : Pull-up transistor disabled
1 : Pull-up transistor enabled
70
Port Pi pull-up control register (address 002816 + i) (i = 0, 2)
PUP0, PUP2
70
Port P1 pull-up control register (address 002916)
PUP1
70
Port P3 pull-up control register (address 002B16)
PUP3
P4j pull-up/down transistor control bit (j = 0 to 7)
70
Not used (“0” when read, do not write “1”)
P1j pull-up transistor control bit (j = 2 to 7)
0 : Pull-up/down transistor disabled
1 : Pull-up/down transistor enabled
Port P4 pull-up/down control register (address 002C16)
PUP4
Key-on wake-up polarity control bit
0 : Low level active
1 : High level active
CAN module dominant level control bit
0 : Low level dominant
1 : High level dominant
Not used (undefined when read)
70
Polarity control register (address 002F16)
PCON
I/O PORTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com