Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 82Page - Renesas Technology Corp 7630 Datasheet HTML 83Page - Renesas Technology Corp 7630 Datasheet HTML 84Page - Renesas Technology Corp 7630 Datasheet HTML 85Page - Renesas Technology Corp 7630 Datasheet HTML 86Page - Renesas Technology Corp 7630 Datasheet HTML 87Page - Renesas Technology Corp 7630 Datasheet HTML 88Page - Renesas Technology Corp 7630 Datasheet HTML 89Page - Renesas Technology Corp 7630 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 238 page
background image
2-20
7630 Group User’s Manual
APPLICATION
2.3 Timers
Fig. 2.3.4 Structure of Timer 123 mode register
Fig. 2.3.5 Structure of Timer XL, Timer XH, Timer YL, Timer YH
Timer 123 mode register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
2
3
4
5
6
7
Name
Timer 123 mode register (T123M) [Address : 001916]
0
1
0
0
PWM output enable bit
0
0
0
0
1
0
0 : PWM output disabled
1 : PWM output enabled
Timer 2 write control bit
Timer 2 count source selection bit
Timer 3 count source selection bit
Pre-divider division ratio bits
0 : Latch and counter
1 : Latch only
0 : Timer 1 underflow
1 : Pre-divider output
0 : Timer 1 underflow
1 : Pre-divider output
b7 b6
0 0 :
φ divided by 1 (Note)
0 1 :
φ divided by 8 (Note)
1 0 :
φ divided by 32 (Note)
1 1 :
φ divided by 128 (Note)
Not used (“0” when read, don't write “1”.)
PWM polarity selection bit
0 : Start on “H” level output
1 : Start on “L” level output
Note: The internal system clock
φ is divided f(XIN) by 2 or by 8. The division ratio is decided by
the Internal system clock selection bit (bit 6 of the CPU mode register [address: 000016] ).
Timer XL, Timer XH, Timer YL, Timer YH
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Timer XL (TXL), Timer XH (TXH) [Address : 001A16, 001B16]
Timer YL (TYL), Timer YH (TYH) [Address : 001C16, 001D16]
1
q Set “000016” to “FFFF16” as timer count value.
q Write access
The timer value is written to Timer X or Timer Y and latch at
the same timer or to the latch only (Note).
Write first low byte (TXL, TYL) and then high byte (TXH, TYH).
q Read access
To get the actual Timer X or Timer Y value read out the
corresponding timer register.
A measurement value is read out in pulse period and pulse
width measurement mode.
Read first high byte (TXH, TYH) and then low byte (TXL, TYL).
Note: Depinding on the Timer X or Timer Y data write control bit (bit 0 of the Timer X or
Timer Y mode register [address: 001E16, 001F16] ).
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com