Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 95Page - Renesas Technology Corp 7630 Datasheet HTML 96Page - Renesas Technology Corp 7630 Datasheet HTML 97Page - Renesas Technology Corp 7630 Datasheet HTML 98Page - Renesas Technology Corp 7630 Datasheet HTML 99Page - Renesas Technology Corp 7630 Datasheet HTML 100Page - Renesas Technology Corp 7630 Datasheet HTML 101Page - Renesas Technology Corp 7630 Datasheet HTML 102Page - Renesas Technology Corp 7630 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 238 page
background image
APPLICATION
2.3 Timers
2-33
7630 Group User’s Manual
Fig. 2.3.18 Control procedure [Measurement of pulse width] (2)
CNTR0 interrupt processing routine (Note 2)
RTI
CLT (Note 3)
CLD (Note 4)
Push registers to the stack area
Note 3: When using the Index X mode flag (T).
Note 4: When using the Decimal mode flag (D).
• Push the registers used in the interrupt processing routine
on the stack.
• Pop registers which is pushed on the stack.
Pop registers from the stack area
RAM for high-order 8-bit
of a measurement result
TXH
Note 2: The first measurement with Timer X is invalid as shown in the following figure.
• A complemented count value is read out and stored to RAM.
Example: 1. Make sure to start the Timer X count at “L” level of the CNTR0 input signal.
(A level of the CNTR0 input signal is judged by reading a content of the Port
P14 register.
2. Be sure to invalidate the first CNTR0 interrupt after starting the Timer X count.
[When the Timer X count is started at “H” level of the CNTR0 input signal]
Start
Timer X
000016
FFFF16
t1
t2
Timer X
CNTR0 input
A measurement result: Invalid
A measurement result: Valid
CNTR0 interrupt
CNTR0 interrupt
[When the Timer X count is started at “L” level of the CNTR0 input signal]
Start
Timer X
000016
FFFF16
t1
t2
Timer X
CNTR0 input
A measurement result: Valid
A measurement result: Valid
CNTR0 interrupt
CNTR0 interrupt
RAM for low-order 8-bit
of a measurement result
TXL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com