Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 93Page - Renesas Technology Corp 7630 Datasheet HTML 94Page - Renesas Technology Corp 7630 Datasheet HTML 95Page - Renesas Technology Corp 7630 Datasheet HTML 96Page - Renesas Technology Corp 7630 Datasheet HTML 97Page - Renesas Technology Corp 7630 Datasheet HTML 98Page - Renesas Technology Corp 7630 Datasheet HTML 99Page - Renesas Technology Corp 7630 Datasheet HTML 100Page - Renesas Technology Corp 7630 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 238 page
background image
APPLICATION
2.3 Timers
2-31
7630 Group User’s Manual
Fig. 2.3.16 Setting of related registers [Measurement of pulse width]
b0
b7
CPUM
CPU mode register [Address: 000016]
0
Internal system clock selection bit :
φ = f(XIN) divided by 2
(high-speed mode)
Timer X mode bits : Pulse width measurement mode
b0
b7
TXL
Timer XL [Address: 001A16]
FF16
Set to “FFFF16” before counting a pulse.
(After being started, the timer decrements
with each input pulse.)
b0
b7
TXM
Timer X mode register [Address: 001E16]
0
01
Timer X data write control bit : Write to latch and timer
at the same time.
11
CNTR0 polarity selection bit : Measure the “H” period
Timer X stop control bit : Stop counting
(Clear this bit to “0” to start counting.)
b0
b7
TYM
Timer Y mode register [Address: 001F16]
1
Timer X count source selection bits :
φ divided by 16
0
b0
b7
Timer XH [Address: 001B16]
FF16
TXH
b0
b7
ICONB
Interrupt control register B [Address: 000616]
1
Timer X interrupt enable bit : Interrupt enabled
1
CNTR0 interrupt enable bit : Interrupt enabled
b0
b7
IREQB
Interrupt request register B [Address: 000316]
0
Timer X interrupt request bit
(This bit is set to “1” at underflow of Timer X.)
0
CNTR0 interrupt request bit
(This bit is set to “1” at the falling edge of the input signal of CNTR0 pin.)
b0
b7
P1D
Port P1 direction register [Address: 000B16]
P14 : Input mode
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com