Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 41Page - Renesas Technology Corp 7630 Datasheet HTML 42Page - Renesas Technology Corp 7630 Datasheet HTML 43Page - Renesas Technology Corp 7630 Datasheet HTML 44Page - Renesas Technology Corp 7630 Datasheet HTML 45Page - Renesas Technology Corp 7630 Datasheet HTML 46Page - Renesas Technology Corp 7630 Datasheet HTML 47Page - Renesas Technology Corp 7630 Datasheet HTML 48Page - Renesas Technology Corp 7630 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 238 page
background image
1-29
7630 Group User’s Manual
+$5':$5(
Fig. 27 Structure of serial I/O control register (
φ is internal system clock)
Clock Asynchronous Serial I/O (UART)
The UART is a full duplex asynchronous transmit/receive unit. The
built-in clock divider and baud rate generator enable a broad range of
transmission speeds. Please refer to Block diagram of UART.
(1) Description
The transmit and receive shift registers have a buffer (consisting of
high and low order byte) each. Since the shift registers cannot be
written to or read from directly, transmit data is written to the transmit
buffer and receive data is read from the receive buffer. A transmit or
receive operation will be triggered by the transmit enable bit and
receive enable bit of the UART control register UCON (see Structure
of UART control register). The double function terminals P25/UTXD,
P26/URTS and P24/URXD, P27/UCTS will be switched to the UART
pins automatically.
(2) Baud rate selection
The baud rate of transmission and reception is determined by the
setting of the prescaler and the contents of the UART baud rate gen-
erator register. It is calculated by:
where
p is the division ratio of the prescaler and n is the contents of
the UART baud rate generator register. The prescalers division ration
can be selected by the UART mode register (see page 1-31).
UART mode register (UMOD, Structure of UART
mode register)
The UART mode register allows to select the transmission and
reception format with the following options:
•
word length: 7, 8 or 9 bits
•
parity: none, odd or even
•
stop bits: 1 or 2
It allows to select the prescalers division ratio as well.
UART baud rate generator (UBRG)
This 8 bit register allows to select the baud rate of the UART (see
above). Set this register to the desired value before enabling recep-
tion or transmission.
UART control register (UCON, Structure of UART
control register)
The UART control register consists of four control bits (bit 0 to bit 3)
which allow to control reception and transmission.
UART status register (USTS, Structure of UART sta-
tus register)
The read-only UART status register consists of 7 bits (bit 0 to bit 6)
which indicate the operating status of the UART function and various
errors.
Clock divider selection bits
b2 b1 b0
000 :
φ divided by 4
001 :
φ divided by 8
010 :
φ divided by 16
01 1 :
φ divided by 32
100 :
φ divided by 64
101 :
φ divided by 128
11 0 :
φ divided by 256
111 :
φ divided by 512
P20/SIN, P21/SOUT and P22/SCLK function selection bit
0 : I/O port function
1 : SI/O function
P23/SRDY function selection bit
0 : I/O port function
1 : SI/O function
Transmission order selection bit
0 : LSB first
1 : MSB first
Synchronization clock selection bit
0 : Use external clock
1 : Use internal clock
Not used (“0” when read)
70
SIO control register (address 001316)
SIOCON
b
φ
16 pn
1
+
()
⋅⋅
-----------------------------------
=
SERIAL I/Os



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com