Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 38Page - Renesas Technology Corp 7630 Datasheet HTML 39Page - Renesas Technology Corp 7630 Datasheet HTML 40Page - Renesas Technology Corp 7630 Datasheet HTML 41Page - Renesas Technology Corp 7630 Datasheet HTML 42Page - Renesas Technology Corp 7630 Datasheet HTML 43Page - Renesas Technology Corp 7630 Datasheet HTML 44Page - Renesas Technology Corp 7630 Datasheet HTML 45Page - Renesas Technology Corp 7630 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 238 page
background image
1-26
7630 Group User’s Manual
+$5':$5(
TIMER 1, TIMER 2, TIMER 3
Timers 1 to 3 are 8-bit timers with 8-bit reload latches and one com-
mon pre-divider. Timer 1 can operate in the timer mode only, whereas
timers 2 and 3 can be used to generate a PWM output signal timing
as well. Timers 1 to 3 are down count timers. See Fig. 23.
Fig. 23 Block diagram of timers 1 to 3 (
φ is internal system clock)
Timer 1
The count source of timer 1 is the output of timer 123 pre-divider. The
division ratio of the pre-divider can be selected by the pre-divider divi-
sion ratio bits of timer 123 mode register (T123M). Refer to Timer 123
mode register configuration (f is internal system clock).
On a timer 1 underflow, the timer 1 interrupt request bit will be set to
“1”.
Writing to timer 1 initializes the latch and counter.
Timers 2 and 3
The count source of timers 2 and 3 can be either the output of the
timer 123 pre-divider or the timer 1 underflow. The count source can
be selected by the timer count source selection bits of timer 123
mode register (T123M).
Writing to timer 2 register affects the reload latch only or both of the
reload latch and counter depending on the timer 2 write control bit of
T123M. When the timer write control bit is set to “0”, both latch and
counter will be initialized simultaneously; when set to “1” only the
reload latch will be initialized, on an underflow, the counter will be set
to the modified reload value. Writing to timer 3 initializes latch and
counter both.
Timer 2 or 3 underflow causes the timer 2 or 3 interrupt request bit to
be set to “1”.
T123M0
1
1/8
1/32
1/128
T123M67
φ
T1 counter (8)
T1 latch (8)
T2 counter (8)
T2 latch (8)
T3 counter (8)
T3 latch (8)
T1 interrupt
T2 interrupt
T3 interrupt
S
R
Q
S
R
Q
T123M3
T123M4
T123M1
T123M1
S
TQ
P16/PWM
P16 latch
P1D6
T123M1
“00
”
“01”
“10”
“11”
“1”
“0”
“0”
“1”
“1”
“0”
“0”
“1”
TIMERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com