Electronic Components Datasheet Search
  English  ▼

X  

7630 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # 7630
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7630 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button 7630 Datasheet HTML 100Page - Renesas Technology Corp 7630 Datasheet HTML 101Page - Renesas Technology Corp 7630 Datasheet HTML 102Page - Renesas Technology Corp 7630 Datasheet HTML 103Page - Renesas Technology Corp 7630 Datasheet HTML 104Page - Renesas Technology Corp 7630 Datasheet HTML 105Page - Renesas Technology Corp 7630 Datasheet HTML 106Page - Renesas Technology Corp 7630 Datasheet HTML 107Page - Renesas Technology Corp 7630 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 238 page
background image
7630 Group User’s Manual
2-38
$33/,&$7,21
2.4 Controller Area Network (CAN) module
Fig. 2.4.5 Structure of CAN bus timing control register 2 (CBTCON2)
Fig. 2.4.6 Structure of CAN acceptance code register 0 (CAC0)
CAN bus timing control register 2
b7 b6 b5 b4 b3 b2 b1 b0
CAN bus timing control register 2 (CBTCON2) [Address: 003216]
B
Name
Function
At reset
R
W1
Note 1: Writing to this register is enabled in configuration mode only (refer to section 2.4.4).
0
Phase buffer segment 1
duration control bits
b2b1b0
0
O
O
000: One time quantum
1
001: Two time quanta
0
O
O
…
2
110: Seven time quanta
0
O
O
111: Eight time quanta
3
Phase buffer segment 2
duration control bits
b5b4b3
0
O
O
000: One time quantum
4
001: Two time quanta
0
O
O
…
5
110: Seven time quanta
0
O
O
111: Eight time quanta
6
Synchronization jump width
control bits
b7b6
0
O
O
00: One time quantum
7
01: Two time quanta
0
O
O
10: Three time quanta
11: Four time quanta
CAN acceptance code register 0
b7 b6 b5 b4 b3 b2 b1 b0
CAN acceptance code register 0 (CAC0) [Address: 003316]
B
Name
Function
At reset
R
W1
Note 1: Writing to this register is enabled in configuration mode only (refer to section 2.4.4).
0
Standard identifier bit 6
These bits (except when masked by the
acceptance mask register 0, Figure
2.4.11) form the acceptance filtering
condition for incoming CAN frames.
They must be initialized with the identifier
pattern of CAN frames to be received.
?
O
O
1
Standard identifier bit 7
?
O
O
2
Standard identifier bit 8
?
O
O
3
Standard identifier bit 9
?
O
O
4
Standard identifier bit 10
?
O
O
5
Not used
Undefined at read.
?
O
X
6
?
O
X
7
?
O
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com