Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 26Page - Texas Instruments PCM5310PAPR Datasheet HTML 27Page - Texas Instruments PCM5310PAPR Datasheet HTML 28Page - Texas Instruments PCM5310PAPR Datasheet HTML 29Page - Texas Instruments PCM5310PAPR Datasheet HTML 30Page - Texas Instruments PCM5310PAPR Datasheet HTML 31Page - Texas Instruments PCM5310PAPR Datasheet HTML 32Page - Texas Instruments PCM5310PAPR Datasheet HTML 33Page - Texas Instruments PCM5310PAPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 103 page
background image
ADC AND FILTER
ADC-1L
PGA-AD1L
Decimation
Filter
HPF
ATT
MUTE
ADC-1R
PGA-AD1R
Decimation
Filter
HPF
ATT
MUTE
ADC-2L
PGA-AD2L
Decimation
Filter
HPF
ATT
MUTE
ADC-2R
PGA-AD2R
Decimation
Filter
HPF
ATT
MUTE
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
The analog-to-digital converter (ADC) and digital filter include a delta-sigma modulator, decimation filter,
high-pass filter (HPF), digital gain control, digital attenuation control, and digital soft mute, as shown in Figure 37.
The HPF eliminates dc offset of the ADC analog section with 0.91 Hz as the cutoff frequency at a 48-kHz
sampling rate. The digital gain or attenuation control can be adjusted from 20 dB to –100 dB in 0.5-dB steps. The
descriptions for the ADC and filter registers are shown in Table 14.
Figure 37. ADCs and Filters
Table 14. ADC and Filter Registers
REGISTER DESCRIPTION
REGISTER NUMBER
REGISTER BITS
Digital attenuation and gain update control for ADC12
80
A12E, AUC2, AUC1, AZ12
Digital soft mute setting for ADC12
81
AMU2, AMU1
Digital attenuation and gain level setting for ADC12
82, 83
AAT2[7:0], AAT1[7:0]
High-pass filter disable for ADC12
84
HF12
Digital attenuation and gain update control for ADC34
90
A34E, AUC4, AUC3, AZ34
Digital soft mute setting for ADC34
91
AMU4, AMU3
Digital attenuation and gain level setting for ADC34
92, 93
AAT4[7:0], AAT3[7:0]
High-pass filter disable for ADC34
94
HF34
30
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com