Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 40Page - Texas Instruments PCM5310PAPR Datasheet HTML 41Page - Texas Instruments PCM5310PAPR Datasheet HTML 42Page - Texas Instruments PCM5310PAPR Datasheet HTML 43Page - Texas Instruments PCM5310PAPR Datasheet HTML 44Page - Texas Instruments PCM5310PAPR Datasheet HTML 45Page - Texas Instruments PCM5310PAPR Datasheet HTML 46Page - Texas Instruments PCM5310PAPR Datasheet HTML 47Page - Texas Instruments PCM5310PAPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 103 page
background image
Registers 09-12 (09h-0Ch)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
09
09h
GPIO PORT-1 selection
RSV
RSV
RSV
GSL1[4:0]
10
0Ah
GPIO PORT-2 selection
RSV
RSV
RSV
GSL2[4:0]
11
0Bh
GPIO PORT-3 selection
RSV
RSV
RSV
GSL3[4:0]
12
0Ch
Not assigned
RSV
RSV
RSV
RSV
RSV
RSV
RSV
RSV
GSL1[4:0]: GPO1 Function Selection (pin 55)
GSL2[4:0]: GPO2 Function Selection (pin 56)
GSL3[4:0]: GPO3 Function Selection (pin 57)
The three GPIO pins can be used as an input flag, output flag, and logic function, as shown in Table 31.
Default value: 00000
Table 31. GPIO Functions
GSL1-3[4:0]
GSL1[4:0]/GPIO1
GSL2[4:0]/GPIO2
GSL3[4:0]/GPIO3
00000
No assigned and input mode (default)
No assigned and input mode (default)
No assigned and input mode (default)
00001
Headphone insertion detection input
Headphone insertion detection input
Headphone insertion detection input
00010
Headphone insertion detection output
Headphone insertion detection output
Headphone insertion detection output
00011
Headphone short detection status L-channel
Headphone short detection status L-channel
Headphone short detection status L-channel
00100
Headphone short detection status R-channel
Headphone short detection status R-channel
Headphone short detection status R-channel
00101
Zero flag output for digital input (DAC12)
Zero flag output for digital input (DAC12)
Zero flag output for digital input (DAC12)
00110
Zero flag output for digital input (DAC34)
Zero flag output for digital input (DAC34)
Zero flag output for digital input (DAC34)
00111
Zero flag output for digital input (DAC12 and
Zero flag output for digital input (DAC12 and
Zero flag output for digital input (DAC12 and
DAC34)
DAC34)
DAC34)
01000
Output register data to GPIO1 pin
Output register data to GPIO1 pin
Output register data to GPIO1 pin
01001
Output register data to GPIO2 pin
Output register data to GPIO2 pin
Output register data to GPIO2 pin
01010
Output register data to GPIO3 pin
Output register data to GPIO3 pin
Output register data to GPIO3 pin
01011
AND logic (GPIO1 = output, GPIO2,3 = input)
AND logic (GPIO2 = output, GPIO1,3 = input)
AND logic (GPIO2 = output, GPIO1,3 = input)
01100
NAND logic (GPIO1 = output, GPIO2,3 =
NAND logic (GPIO2 = output, GPIO1,3 =
NAND logic (GPIO2 = output, GPIO1,3 =
input)
input)
input)
01101
OR logic (GPIO1 = output, GPIO2,3 = input)
OR logic (GPIO2 = output, GPIO1,3 = input)
OR logic (GPIO2 = output, GPIO1,3 = input)
01110
NOR logic (GPIO1 = output, GPIO2,3 = input)
NOR logic (GPIO2 = output, GPIO1,3 = input)
NOR logic (GPIO2 = output, GPIO1,3 = input)
01111
Buffer logic (GPIO1 = output, GPIO2 = input)
Buffer logic (GPIO2 = output, GPIO1 = input)
Buffer logic (GPIO2 = output, GPIO1 = input)
10000
Buffer logic (GPIO1 = output, GPIO3 = input)
Buffer logic (GPIO2 = output, GPIO3 = input)
Buffer logic (GPIO2 = output, GPIO3 = input)
10001
Inverter logic (GPIO1 = output, GPIO2 = input)
Inverter logic (GPIO2 = output, GPIO1 = input)
Inverter logic (GPIO2 = output, GPIO1 = input)
10010
Inverter logic (GPIO1 = output, GPIO3 = input)
Inverter logic (GPIO2 = output, GPIO3 = input)
Inverter logic (GPIO2 = output, GPIO3 = input)
Others
Reserved
Reserved
Reserved
44
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com