Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 70 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 70 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 66Page - Texas Instruments PCM5310PAPR Datasheet HTML 67Page - Texas Instruments PCM5310PAPR Datasheet HTML 68Page - Texas Instruments PCM5310PAPR Datasheet HTML 69Page - Texas Instruments PCM5310PAPR Datasheet HTML 70Page - Texas Instruments PCM5310PAPR Datasheet HTML 71Page - Texas Instruments PCM5310PAPR Datasheet HTML 72Page - Texas Instruments PCM5310PAPR Datasheet HTML 73Page - Texas Instruments PCM5310PAPR Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 103 page
background image
Register 85 (55h)
Register 90 (5Ah)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
85
55h
Power up/down for ADC12
PA12
RSV
RSV
RSV
RSV
RSV
RSV
RSV
PA12: Power Up/Down Control for ADC12
This bit controls the power up/down for ADC12, including the decimation filter.
Default value: 1
0
Power up
1
Power down (default)
REG
HEX
DESCRIPTION
B7
B6
B5
B4
B3
B2
B1
B0
90
5Ah
Digital attenuation and mute control for ADC34
A34E
RSV
AUC4
AUC3
RSV
RSV
RSV
AZ34
A34E: Digital Attenuation and Mute Update Control Enable for ADC34
AUC4: Digital Attenuation and Mute Setting Update for ADC34, R-Channel
AUC3: Digital Attenuation and Mute Setting Update for ADC34, L-Channel
The digital attenuation and mute levels of ADC12 can be changed independently to any level by setting bits
AMU4 and AMU3 in Register 91, bits AAT3[7:0] in Register 92, and bits AAT4[7:0] in Register 93 when
A34E = '0'. When A34E = '1', the level is changed to any level at the same time when AUC4 = '1' or AUC3 = '1'.
Both bits are automatically set to '0' after they are to '1'. AUC4 and AUC3 must be set to '1' for every volume
level setting while A34E = '1'.
Default value of A34E: 1. Default value of AUC4 and AUC3: 0
A34E = 0
Digital attenuation and mute update control disabled
A34E = 1
Digital attenuation and mute update control enabled (default)
AUC4, AUC3 = 0
No update level (default)
AUC4, AUC3 = 1
Update level (set to '0' automatically after setting to '1')
AZ34: Digital Attenuation and Mute Zero Cross Enable for ADC34
This bit enables zero-crossing detection, which reduces zipper noise while the ADC digital attenuator and mute
settings are being changed. If no zero-crossing data are input for a 512/fS period (10.6 ms at a 48-kHz sampling
rate), then a timeout occurs and the PCM5310 volume level changes. Zero-crossing detection cannot be used
with continuous zero and dc data.
Default value: 1
0
Disable
1
Enable (default)
70
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com