Electronic Components Datasheet Search
  English  ▼

X  

PCM5310PAPR Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # PCM5310PAPR
Description  24-Bit, 96-/192-kHz, Asynchronous, 4-Channel/4-Channel Audio Codec with 2-VRMS Driver, Headphone Driver, and 6 Audio Interface Ports
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM5310PAPR Datasheet(HTML) 96 Page - Texas Instruments

Back Button PCM5310PAPR Datasheet HTML 92Page - Texas Instruments PCM5310PAPR Datasheet HTML 93Page - Texas Instruments PCM5310PAPR Datasheet HTML 94Page - Texas Instruments PCM5310PAPR Datasheet HTML 95Page - Texas Instruments PCM5310PAPR Datasheet HTML 96Page - Texas Instruments PCM5310PAPR Datasheet HTML 97Page - Texas Instruments PCM5310PAPR Datasheet HTML 98Page - Texas Instruments PCM5310PAPR Datasheet HTML 99Page - Texas Instruments PCM5310PAPR Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 103 page
background image
DIGITAL INPUT PINS
PowerPAD (THERMAL PAD)
PCM5310
SLES244 – FEBRUARY 2009 ............................................................................................................................................................................................ www.ti.com
Series resistors (ranging from 22
Ω to 100 Ω) are recommended for the SCKx, LRCKx, BCKx, and DATAx pins.
These series resistors combine with the stray printed circuit board (PCB) and device input capacitance to form a
low-pass filter that removes high-frequency noise from the digital signal, thus reducing high-frequency emissions.
All digital input pins should be connected to ground if they are not used in a given application.
The PCM5310 is available in an HTQFP-64 PowerPAD package. The PowerPAD is a heatsink, which is exposed
metal at the bottom of the package. The PowerPAD works to conduct heat away from the silicon through thermal
vias located at the bottom of the PowerPAD.
The PowerPAD does not need to be soldered onto an exposed metal area of the PCB because the device works
within the absolute maximum rating (junction temperature = +150°C) without soldering the PowerPAD.
Refer to application note SLMA002, PowerPAD Thermally Enhanced Package, when considering whether to
solder the PowerPAD in order to reduce more heat from the device.
96
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PCM5310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com